Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P272 Datasheet(PDF) 1 Page - Bi technologies

Part # P272
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P272 Datasheet(HTML) 1 Page - Bi technologies

  P272_09 Datasheet HTML 1Page - Bi technologies P272_09 Datasheet HTML 2Page - Bi technologies P272_09 Datasheet HTML 3Page - Bi technologies P272_09 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model P270/271/272
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
May 1, 2009
page 1 of 4
BI technologies
27mm Rotary Potentiometer
Long Life - 1 Million cycles
Conductive Plastic Element
Heavy Duty Applications
Sealed Unit Available
RoHS Compliant
MODEL STYLES
Panel, Solder Lugs, Single Gang
P270
Panel, Solder Lugs, with Center Tap
P271
Panel, Solder Lugs, Dual Gang
P272
ELECTRICAL1
Resistance Range, Ohms
200-1M (for “B” taper)
1K-1M (for other tapers)
Standard Resistance Tolerance
± 10%
Residual Resistance
6 Ώ max.
Input Voltage, maximum
500 Vdc not to exceed power rating
Power rating, Watts
2 Watts @ 70°C for “B” Taper, 1 Watt for all others
Dielectric Strength
1000VAC, I minute
Insulation Resistance, Minimum
50M ohms at 500Vdc
Sliding Noise
100mV max.
Actual Electrical Travel, Nominal
300°
Electrical Continuity, Nominal
312°
MECHANICAL
Total Mechanical Travel
312
°± 5°
Static Stop Strength, Maximum
200 oz-in
Rotational Torque, (Single gang)
Dust Proof : 1.0.oz-in. Max.
Sealed : 1.0 to 2.5 oz-in
Rotational Torque, Maximum (Dual gang)
Dust Proof : 3.0.oz-in.
Sealed : 5.0 oz-in
Panel Nut Tightening Torque
25 lb-in
ENVIRONMENTAL
Operating Temperature Range
-55
°C to +120°C
Rotational Load Life
1M Cycles (10% ΔR)
1
Specifications subject to change without notice.


Similar Part No. - P272_09

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P272-DF11AR TTELEC-P272-DF11AR Datasheet
1Mb / 7P
Panel Potentiometer
Rev - 04/2021
P272-DF11BR TTELEC-P272-DF11BR Datasheet
1Mb / 7P
Panel Potentiometer
Rev - 04/2021
P272-DF11CR TTELEC-P272-DF11CR Datasheet
1Mb / 7P
Panel Potentiometer
Rev - 04/2021
P272-DF11DR TTELEC-P272-DF11DR Datasheet
1Mb / 7P
Panel Potentiometer
Rev - 04/2021
P272-DF12AR TTELEC-P272-DF12AR Datasheet
1Mb / 7P
Panel Potentiometer
Rev - 04/2021
More results

Similar Description - P272_09

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
C-Media Electronics
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
P233 BITECH-P233 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P270 BITECH-P270_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
P270 BITECH-P270_14 Datasheet
158Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com