Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4M10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP061-4M10
Description  4-line ESD protection for high speed lines
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4M10 Datasheet(HTML) 2 Page - STMicroelectronics

  HSP061-4M10 Datasheet HTML 1Page - STMicroelectronics HSP061-4M10 Datasheet HTML 2Page - STMicroelectronics HSP061-4M10 Datasheet HTML 3Page - STMicroelectronics HSP061-4M10 Datasheet HTML 4Page - STMicroelectronics HSP061-4M10 Datasheet HTML 5Page - STMicroelectronics HSP061-4M10 Datasheet HTML 6Page - STMicroelectronics HSP061-4M10 Datasheet HTML 7Page - STMicroelectronics HSP061-4M10 Datasheet HTML 8Page - STMicroelectronics HSP061-4M10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
HSP061-4M10
2/11
Doc ID 023716 Rev 2
1
Characteristics
Table 1.
Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
20
kV
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics Tamb = 25 °C
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VBR
Breakdown voltage
IR = 1 mA
6
V
IRM
Leakage current
VRM = 3 V
70
nA
VCL
Clamping voltage
IPP = 1 A, 8/20 µs
15
V
CI/O - I/O
Capacitance
(I/O to I/O)
VI/O = 0 V, F = 1 MHz, VOSC = 30 mV
0.3
0.4
pF
CI/O - GND
Capacitance
(I/O to GND)
VI/O = 0 V F = 1 MHz, VOSC = 30 mV
0.6
0.8
pF
fC
Cut-off frequency
-3dB
8.7
GHz
ZDiff
Differential
impedance
tr = 200 ps (10 - 90%)
(1), Z
0 Diff = 100 
1.
HDMI specification conditions. This information can be provided for other applications. Please contact your
local ST office.
85
100
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com