Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP14N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP14N60P
Description  PolarHVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP14N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP14N60P Datasheet HTML 1Page - IXYS Corporation IXTP14N60P Datasheet HTML 2Page - IXYS Corporation IXTP14N60P Datasheet HTML 3Page - IXYS Corporation IXTP14N60P Datasheet HTML 4Page - IXYS Corporation IXTP14N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C14
A
I
DM
T
C = 25°C, pulse width limited by TJM
42
A
I
A
T
C = 25°C
14
A
E
AS
T
C = 25°C
900
mJ
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(TO-220)(TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
DS99329F(12/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.5 V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
100
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
450
550 m
Ω
PolarHVTM Power
MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTA14N60P
IXTP14N60P
IXTQ14N60P
V
DSS
=
600V
I
D25
=
14A
R
DS(on) ≤
≤≤≤≤
550m
Ω
Ω
Ω
Ω
Ω
Features
International standard packages
Avalanche rated
Advantages
Easy to mount
Space savings
High power density
Applications
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Laser Drivers
AC and DC motor drives
Robotics and servo controls
G = Gate
D
= Drain
S = Source
TAB = Drain
(TAB)
TO-220
D
G
S
(TAB)
TO-263
G
S
TO-3P
G
D
S
(TAB)


Similar Part No. - IXTP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTP14N60P IXYS-IXTP14N60P Datasheet
207Kb / 6P
Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
IXTP14N60P ISC-IXTP14N60P Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP14N60PM IXYS-IXTP14N60PM Datasheet
122Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
logo
Inchange Semiconductor ...
IXTP14N60PM ISC-IXTP14N60PM Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN64N50P IXYS-IXFN64N50P Datasheet
58Kb / 2P
PolarHVTM HiPerFETPower MOSFET
IXTA3N60P IXYS-IXTA3N60P Datasheet
227Kb / 4P
PolarHVTM Power MOSFET
IXTQ22N50P IXYS-IXTQ22N50P Datasheet
203Kb / 5P
PolarHVTM Power MOSFET
IXTQ22N60P IXYS-IXTQ22N60P Datasheet
320Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode
IXFH30N60P IXYS-IXFH30N60P Datasheet
330Kb / 5P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXFX64N60P IXYS-IXFX64N60P Datasheet
175Kb / 5P
PolarHVTM HiPerFET Power MOSFET
IXTP5N60P IXYS-IXTP5N60P Datasheet
125Kb / 4P
PolarHVTM Power MOSFET
IXTQ26N50P IXYS-IXTQ26N50P Datasheet
343Kb / 5P
PolarHVTM Power MOSFET
IXFP5N50PM IXYS-IXFP5N50PM Datasheet
111Kb / 2P
PolarHVTM HiPerFET Power MOSFET
IXTP2R4N50P IXYS-IXTP2R4N50P Datasheet
95Kb / 6P
PolarHVTM Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com