Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30TF75A Datasheet(PDF) 39 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 39 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 35Page - Micron Technology JS28F640P30TF75A Datasheet HTML 36Page - Micron Technology JS28F640P30TF75A Datasheet HTML 37Page - Micron Technology JS28F640P30TF75A Datasheet HTML 38Page - Micron Technology JS28F640P30TF75A Datasheet HTML 39Page - Micron Technology JS28F640P30TF75A Datasheet HTML 40Page - Micron Technology JS28F640P30TF75A Datasheet HTML 41Page - Micron Technology JS28F640P30TF75A Datasheet HTML 42Page - Micron Technology JS28F640P30TF75A Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Datasheet
Apr 2010
39
Order Number:208033-02
P30-65nm SBC
11.2.6
WAIT Delay (RCR.8)
The WAIT Delay (WD) bit controls the WAIT assertion-delay behavior during
synchronous burst reads. WAIT can be asserted either during or one data cycle before
valid data is output on DQ[15:0]. When WD is set, WAIT is deasserted one data cycle
before valid data (default). When WD is cleared, WAIT is deasserted during valid data.
11.2.7
Burst Sequence (RCR.7)
The Burst Sequence (BS) bit selects linear-burst sequence (default). Only linear-burst
sequence is supported. Table 17 shows the synchronous burst sequence for all burst
lengths, as well as the effect of the Burst Wrap (BW) setting.
Figure 13: Data Hold Timing
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
CLK [C]
D[15:0] [Q]
D[15:0] [Q]
2 CLK
Data Hold
1 CLK
Data Hold
Table 17: Burst Sequence Word Ordering (Sheet 1 of 2)
Start
Addr.
(DEC)
Burst
Wrap
(RCR.3)
Burst Addressing Sequence (DEC)
4-Word Burst
(BL[2:0] = 0b001)
8-Word Burst
(BL[2:0] = 0b010)
16-Word Burst
(BL[2:0] = 0b011)
Continuous Burst
(BL[2:0] = 0b111)
0
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4…14-15
0-1-2-3-4-5-6-…
1
0
1-2-3-0
1-2-3-4-5-6-7-0
1-2-3-4-5…15-0
1-2-3-4-5-6-7-…
2
0
2-3-0-1
2-3-4-5-6-7-0-1
2-3-4-5-6…15-0-1
2-3-4-5-6-7-8-…
3
0
3-0-1-2
3-4-5-6-7-0-1-2
3-4-5-6-7…15-0-1-2
3-4-5-6-7-8-9-…
40
4-5-6-7-0-1-2-3
4-5-6-7-8…15-0-1-2-3
4-5-6-7-8-9-10…
50
5-6-7-0-1-2-3-4
5-6-7-8-9…15-0-1-2-3-
4
5-6-7-8-9-10-11…
60
6-7-0-1-2-3-4-5
6-7-8-9-10…15-0-1-2-
3-4-5
6-7-8-9-10-11-12-…
70
7-0-1-2-3-4-5-6
7-8-9-10…15-0-1-2-3-
4-5-6
7-8-9-10-11-12-13…
14
0
14-15-0-1-2…12-13
14-15-16-17-18-19-20-
…
15
0
15-0-1-2-3…13-14
15-16-17-18-19-20-21-
…
0
1
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4…14-15
0-1-2-3-4-5-6-…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com