Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC2811ETA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZC2811ETA
Description  SOT23 SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZC2811ETA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZC2811ETA Datasheet HTML 1Page - Diodes Incorporated ZC2811ETA Datasheet HTML 2Page - Diodes Incorporated ZC2811ETA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT23 SCHOTTKY BARRIER DIODES
ISSUE 2 – MARCH 1995
7
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
TYPE
SYMBOL
MIN. TYP. MAX. UNIT CONDITIONS.
Breakdown Voltage
ZC2800E
ZC2811E
ZC5800E
VBR
70
15
50
V
V
V
IR=10µA
Reverse Leakage
Current
ZC2800E
ZC2811E
ZC5800E
IR
200
100
200
nA
nA
nA
VR=50V
VR=10V
VR=35V
Forward Voltage
ZC2800E
ZC2811E
ZC5800E
VF
410
410
410
mV
mV
mV
IF=1mA
Forward Current
ZC2800E
ZC2811E
ZC5800E
IF
15
20
15
mA
mA
mA
VF=1V
Capacitance
ZC2800E
ZC2811E
ZC5800E
CT
2.0
1.2
2.0
pF
pF
pF
VR=0 V, f=1MHz
Effective Minority
Lifetime (1)
ZC2800E
ZC2811E
ZC5800E
τ
100
100
100
ps
ps
ps
f= 54 MHz
Ipk= 20mA
(1) Sample Test.
ZC2800E
ZC2811E
ZC5800E
ZC2800E
ZC2811E
ZC5800E
DIODE PIN CONNECTION
PARTMARKING DETAIL
ZC2800E – E6
ZC2811E – E8
ZC5800E – E9
0.8
50
100
150
200
0.8
0.6
0.4
0.2
0
Temperature (°C)
(ZC2811E)
Reverse Voltage (V)
50
100
150
200
0.8
0.6
0.4
0.2
0
Temperature (°C)
(ZC2800E & ZC5800E)
TYPICAL CHARACTERISTICS
(ZC2811E)
(ZC2800E & ZC5800E)
Reverse Voltage (V)
IF=10mA
IF=1.0mA
IF=0.1mA
IF=0.01mA
IF=10mA
IF=1.0mA
IF=0.1mA
IF=0.01mA
1.4
1.2
0.2
1.0
0.6
0.4
0.8
1.4
1.2
0.2
1.0
0.6
0.4
10
020
30
40
50
2
04
6
8
10
1
3
2
SOT23

!
3 - 313
3 - 314



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com