Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356DACTC Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1356DACTC
Description  60V 550mA LED DRIVER and AUTOMOTIVE GRADE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356DACTC Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1356DACTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ZXLD1356/ ZXLD1356Q
Document number: DS33470 Rev. 4 - 2
21 of 29
www.diodes.com
October 2012
© Diodes Incorporated
ZXLD1356/ ZXLD1356Q
A Product Line of
Diodes Incorporated
Application Information (cont.)
Soft-Start (cont.)
Soft Start Time vs Capacitance from ADJ pin to Ground
-2
0
2
4
6
8
10
12
14
16
0
20
406080
100
120
Capacitance (nf)
Actual Operating Waveforms [VIN = 60V, RS = 0.36V, L = 68µH, 22nF on ADJ]
Soft-start operation. LX voltage (Ch2) and Output current (Ch3) using a 22nF external capacitor on the ADJ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com