Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR44 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LR44
Description  Calculator Battery Swiss Made
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LR44 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LR44 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LR44
Calculator Battery
Swiss Made
Rev. LR44.03 06/02
Renata SA
Tel. +41 (0)61 975 75 75
sales@renata.com
CH-4452 Itingen/Switzerland
Fax. +41 (0)61 975 75 95
www.renata.com
Technical Data Sheet
Specifications
Chemical system
Zinc / Manganese Dioxide, high drain
Nominal Voltage
1,50 V
Capacity
105 mAh, Discharge over 8,25 k
Ω at 20°C to 0,9 V
Internal Resistance
Below 20
Ω at 20°C
Operating Temperature
0°C – 60°C
Self Discharge
Less than 10% per year at 20°C
Weight
~1,75 g
Dimensions
(according IEC 60086-3)
Diameter
Height
11,60 mm (0,457“)
5,40 mm (0,213“)
Discharge Curve
Constant Load
Starting Drain
Temperature
8,25 k
Ω
181,8
µA
20°C
min. ∅ 6
∅ 11,6
0
-0,2
min. 0,08
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
200
400
600
800
Time [h]


Similar Part No. - LR44

ManufacturerPart #DatasheetDescription
logo
Broyce Control
LR44-2-2-A BROYCECONTROL-LR44-2-2-A Datasheet
695Kb / 1P
Logic Relay1 - 2 Outputs
LR44-3-2-A BROYCECONTROL-LR44-3-2-A Datasheet
756Kb / 1P
Logic Relay1 - 3 Outputs
LR44-5N-2-A BROYCECONTROL-LR44-5N-2-A Datasheet
926Kb / 2P
Logic Relay1 - 3 Outputs (with NFC Technology)
More results

Similar Description - LR44

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EMPCD080 EMC-EMPCD080 Datasheet
375Kb / 16P
8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD081 EMC-EMPCD081 Datasheet
376Kb / 16P
8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD100 EMC-EMPCD100 Datasheet
443Kb / 31P
10/12 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD200 EMC-EMPCD200 Datasheet
467Kb / 31P
14/16 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCR032 EMC-EMPCR032 Datasheet
399Kb / 26P
10 DIGIT REPLAY CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCR200 EMC-EMPCR200 Datasheet
434Kb / 27P
10/12/14 DIGIT REPLAY CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
List of Unclassifed Man...
RCR2325 ETC-RCR2325 Datasheet
88Kb / 1P
3V Lithium Battery Swiss Made
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
8-DIGIT CALCULATOR
logo
Renata AG SA
CR2477N RENATA-CR2477N Datasheet
78Kb / 1P
3V Lithium Battery Swiss Made
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com