Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSL757DT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSL757DT
Description  Pb-free Reflow Soldering Application, Built-in ESD Protection Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757DT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSL757DT Datasheet HTML 1Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 2Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 3Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 4Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 5Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 6Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 7Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 8Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NICHIA STS-DA1-2709A <Cat.No.130328>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
180
mA
Pulse Forward Current
IFP
240
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
630
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
120
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=65mA
2.9
-
V
Luminous Flux
Φv
IF=65mA
28.6
-
lm
Luminous Intensity
Iv
IF=65mA
9.76
-
cd
R70
Color Rendering Index
Ra
IF=65mA
73
-
-
Luminous Flux
Φv
IF=65mA
27.3
-
lm
Luminous Intensity
Iv
IF=65mA
9.36
-
cd
R8000
Color Rendering Index
Ra
IF=65mA
83
-
-
x
-
IF=65mA
0.41
-
-
Chromaticity Coordinate
y
-
IF=65mA
0.39
-
-
Thermal Resistance
RθJS
-
13
19
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com