Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP431AVLPRAG Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP431AVLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVLPRAG Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP431AVLPRAG Datasheet HTML 9Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 10Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 11Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 12Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 13Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 14Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 15Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 16Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NCP431A, SC431A, NCP431B, NCP432B Series
http://onsemi.com
14
xx, xxx, xxx = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
M
= Date Code
W, WW
= Work Week
G
= Pb−Free Package
N431xx
ALYW
G
1
8
1
xxx MG
G
NCP43
1xxxx
YWW G
G
MARKING DIAGRAMS
(*Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Marking Tolerance
Operating
Temperature Range
Package
Shipping†
NCP431ACDR2G
AC
1%
0°C to 70°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCP431ACSNT1G
VRF
1%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP431BCSNT1G
VRJ
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP432BCSNT1G
VRM
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP431ACLPRAG
ACLP
1%
TO−92 (TO−226)
(Pb−Free)
2000 / Tape & Reel
NCP431AIDR2G
AI
1%
−40°C to 85°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCP431AISNT1G
VRG
1%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP431BISNT1G
VRK
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP432BISNT1G
VRN
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP431AILPRAG
AILP
1%
TO−92 (TO−226)
(Pb−Free)
2000 / Tape & Reel
NCP431AVDR2G
AV
1%
−40°C to 125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCP431AVSNT1G /
SC431AVSNT1G*
VRH
1%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP431AVLPRAG
AVLP
1%
TO−92 (TO−226)
(Pb−Free)
2000 / Tape & Reel
NCP431AVLPG
AVLP
1%
TO−92 (TO−226)
(Pb−Free)
2000 Units / Bag
NCP431BVSNT1G
VRL
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
NCP432BVSNT1G
VRP
0.5%
SOT−23−3
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*SC Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com