Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2303 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2303
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2303 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2303 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2303
3A Low Noise Step-Down DC-DC Converter
Efficiency vs Output Current (
)
Vo=1.8V
Efficiency vs Output Current (Vo=3.3V)
Efficiency vs Output Current (Vo=1.2V)
Efficienvy VS Input Voltage (Vo=1.2V)
Efficienvy VS Input Voltage (Vo=1.8V)
Efficienvy VS Input Voltage (Vo=3.3V)
Typical Performance Characteristics
°C
T =25
, C =33uF,Co=22 F unless otherwise noted.
A
IN
μ
11/2011 Rev1.2
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
10000
Output Current (m A)
3.3 V
4.2 V
5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
1
10
100
1000
10000
Output Current (mA)
4.2V
5V
5.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
0.1A
1A
3A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
0.1A
1A
3A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
0.1A
1A
3A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
10000
Output Current (m A)
3.3V
4.2V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com