Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2305D Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2305D
Description  1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305D Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2305D Datasheet HTML 1Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 2Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Top View
SOT23 5
-
BK: Product Code
of PAM2305D
Y:
Year
W: Week
X:
Internal Code
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2305D
1A Step-Down DC-DC Converter
Name
Function
VIN
Chip main power supply pin
GND
Ground
EN
Enable control input. Force this pin voltage above 1.5V, enables the chip, and below
0.3V shuts down the device.
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
SW
The drains of the internal main and s ynchronous power MOSFET.
NC
No connection
1
2
3
5
4
VIN
GND
EN
SW
FB
Pin Description
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
FB
GND
GND
GND
VIN
VIN
VIN
VIN
P2305D
XXXYW
DFN 2x2 6L
Top View
FB
GND
SW
1
2
3
6
5
4
NC
EN
VIN
EN
R1
R2
FB
+
-
IAMP
+
-
IRCMP
SW
GND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
VIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
1.5M
OSC
ANTI
SHOOT
THRU
-
-
QFN 3x3 16L
Top View
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com