Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2307 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2307
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2307 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2307 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2307 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2307
3A Low Noise Step-Down DC-DC Converter
Efficiency vs Output Current (
)
Vo=1.8V
Efficiency vs Output Current (Vo=3.3V)
Efficiency vs Output Current (Vo=1.2V)
Load Regulation (Vo=1.2V)
Load Regulation (Vo=1.8V)
Load Regulation (Vo=3.3V)
Typical Performance Characteristics
°C
T =25
, C =22*2uF,Co=22 F unless otherwise noted.
A
IN
μ
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Out put Current(mA)
Vin=3. 6V
Vin=4V
Vin=5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Curren t(mA)
Vin=3. 6V
Vin=4. 2V
Vin=5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5V
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0 .2
0 .4
0 .6
0 .8
1
1
10
1 0 0
10 0 0
10 0 00
Ou tp ut Cu rre n t(m A )
Vi n =3 .6V
Vi n =4 .2V
Vi n =5 V
-1
-0 .8
-0 .6
-0 .4
-0 .2
0
0 .2
0 .4
0 .6
0 .8
1
1
1 0
1 0 0
1 0 0 0
1 0 0 0 0
Out p ut C urre nt(m A )
V in=3 .6 V
V in=4 .2 V
V in=5 V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1
10
10 0
1000
10000
Ou tput C urrent (mA)
Vin=3. 6V
Vin=4. 2V
Vin=5V
03/2011 Rev2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com