Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2312 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2312
Description  1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2312 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2312 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2312 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Top View
SOT23 5
-
CG: Product Code
of PAM2312
V:
Output Voltage
Y:
Year
W: Week
X:
Internal Code
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2312
1A Step-Down DC-DC Converter
Name
F unction
VIN
Chip main power supply pin
GND
Ground
EN
Enable control input. Forc e this pin voltage above 1.5V, enables the chip, and below
0.3V shuts down the device.
VOUT/FB
VOUT: Output voltage feedback pin, an internal resis tive divider divides the output
voltage down for comparison to the internal reference voltage.
FB: Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
SW
The drains of the internal main and synchronous power MOSFET.
1
2
3
5
4
EN
GND
SW
VOUT/FB
VIN
Pin Description
EN
R1
R2
VOUT/FB
+
-
IAMP
+
-
IRCMP
SW
GND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
VIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
1.5M
OSC
ANTI
SHOOT
THRU
-
-
05/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com