Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3110 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ordering Information
8
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3110
(To be cont’
d)
1.5A Low Dropout Voltage CMOS Regulator
Output Voltage
Number of Pins
PAM3110X X X xxx X
Shipping Package
Package Type
Pin Configuration
06/2011 Rev2.2
Pin Configuration
Package Type
Number of Pins
Output Voltage
A Type
1. VIN
2. GND
3. VOUT
B Type
1. GND
2. VOUT
3. VIN
B: SOT-223
L: TO-252
M: TO-263
A: 3
B: 2
120: 1.2V
150: 1.5V
180: 1.8V
250: 2.5V
330: 3.3V
500: 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com