Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3131AMBR Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3131AMBR
Description  3A Adjustable Low Voltage Low Dropout CMOS Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3131AMBR Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3131AMBR Datasheet HTML 1Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 2Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 3Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 4Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 5Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 6Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 7Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 8Page - Power Analog Micoelectronics PAM3131AMBR Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Block Diagram
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3131
3A Adjustable Low Voltage
Low Dropout CMOS Regulator
OverCurrent
Shutdown
Thermal
Shutdown
AMP
VIN
EN
VOUT
GND
Power
Monitor
PWRGD
ADJ
Reference
10/2010 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com