Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8003DR Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8003DR
Description  Filterless 2W Class-D Stereo Audio Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8003DR Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8003DR Datasheet HTML 1Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pin Configuration
Typical Application Circuit
PAM8003
Filterless 2W Class-D Stereo Audio Amplifier
Key Features
Applications
2W Output at 10% THD with a 4
Load and
5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
64-step DC Volume Control
Superior Low Noise
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the
Space and Cost
LCD Monitors / TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
directly
system cost
It can extend the battery
life, ideal for portable applications.
Ω
n
n
n
n
n
n
General Description
The PAM8003 is a 2W, class-D audio amplifier. It
offers low THD+N, allowing it to achieve high-
quality sound reproduction. The new filterless
architecture allows the device to drive the speaker
, requiring no low-pass output filters,thus
to save the
and PCB area.
With the same numbers of external components,
the efficiency of the PAM8003is much better than
that of class-AB cousins.
The PAM8003is available in SOP-16L, MSOP-10L
and TQFN3*3-16L package.
n
n
n
n
n
n
n
n Pb-Free Package
Ordering Information
Top View
SOP-16
Top View
SSOP-10
+OUTL
-OUTL
VDD
INL
VREF
INR
GND
-OUTR
+OUTR
1
2
3
4
5
9
10
8
7
6
CTRL
+OUTL
PGNDL
-OUTL
PVDDL
VDD
INL
NC
CTRL
VREF
INR
GND
PVDDR
-OUTR
PGNDR
+OUTR
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
SHDN
+OUT_L
PGNDPGND
-OUT_L
-OUT_R
+OUT_R
PVDD PV DD
SHDN
INL
INR
VRE F
1µF
1µF
1 µF
10 µF
VD D
PV DD
0 .4 7µF
0 .4 7µF
0. 1µF
INL
INR
PAM8003
CTRL
GND
CTRL
R i
R i
VDD
PAM8003
Pa rt Num ber
Pa ck age Type
PAM8 00 3DR
SOP- 16 L
PAM8 303 SM
MS OP -1 0L


Similar Part No. - PAM8003DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8003DR DIODES-PAM8003DR Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
More results

Similar Description - PAM8003DR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com