Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8006A Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM8006A
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006A Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM8006A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 10Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 11Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 12Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 13Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 14Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PAM8006A
15W Stereo Class-D Audio Power Amplifier with Power Limit
13
Power Analog Microelectronics, Inc
www.poweranalog.com
10/2012 Rev1.0
Power Up/Down Sequence
The PAM8006A employs a shutdown operation
mode to reduce supply current to the absolute
minimum level during periods of non-use to save
power. The SD input terminal should be held high
during normal operation when the amplifier is in
use. Pulling SD low causes the outputs to mute
and the amplifier to enter a low-current state. SD
should never be left unconnected to prevent the
amplifier from unpredictable operation. Suggest
PL starting voltage is greater than 5V.
Start-up /power down sequencer recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com