Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8404 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 16Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 17Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8404 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com