Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB21 Datasheet(PDF) 2 Page - AVX Corporation

Part # NB21
Description  NTC SMD Thermistors With Nickel Barrier Termination NB 21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NB21 Datasheet(HTML) 2 Page - AVX Corporation

  NB21 Datasheet HTML 1Page - AVX Corporation NB21 Datasheet HTML 2Page - AVX Corporation NB21 Datasheet HTML 3Page - AVX Corporation NB21 Datasheet HTML 4Page - AVX Corporation NB21 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15
NTC SMD Thermistors
With Nickel Barrier Termination NB 21
TABLE OF VALUES
NB 21
IEC SIZE : 0603
Types
Rn at 25°C
Material
B (K)
at 25°C
(Ω)
Code
( B/B
) (%/°C)
NB 21 KC 0 470
47
NB 21 KC 0 101
100
KC
3470 ± 5%
– 3.9
NB 21 KC 0 471
470
NB 21 MC 0 102
1,000
MC
3910 ± 3%
– 4.4
NB 21 J 0 0472
4,700
J
3480 ± 3%
– 3.9
NB 21 J 5 0682
6,800
J5
3480 ± 3%
– 3.9
NB 21 J 5 0103
10,000
3480 ± 3%
– 3.9
NB 21 K 0 0103
10,000
K
3630 ± 3%
– 4.0
NB 21 K 0 0153
15,000
NB 21 L 0 0223
22,000
L
3790 ± 3%
– 4.2
NB 21 M 0 0333
33,000
M
3950 ± 3%
– 4.4
NB 21 M 0 0473
47,000
NB 21 L 2 0683
68,000
L2
3805 ± 3%
– 4.1
NB 21 N 0 0683
68,000
N
4080 ± 3%
– 4.6
NB 21 N 5 0104
100,000
N5
4160 ± 3%
– 4.7
NB 21 P 0 0154
150,000
P
4220 ± 3%
– 4.7
NB 21 Q 0 0334
330,000
Q
4300 ± 3%
– 4.7
NB 21 Q 0 0474
470,000
(1) ± 5%
(2) ± 3%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com