Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0015 Datasheet(PDF) 1 Page - AVX Corporation

Part # VC0015
Description  Automotive Varistor for Automotive Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC0015 Datasheet(HTML) 1 Page - AVX Corporation

  VC0015 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
• AEC Q200 Qualified
• Multi-strike capability
• Sub 1nS response to ESD strike
Automotive Varistor for Automotive Applications
GENERAL DESCRIPTION
The
VC0015 Automotive Varistor is low capacitance verison
The low capacitance makes this products suitable for use in high
speed data transmission lines.
of the TransGuard Automotive Series parts.
ELECTRIAL CHARACTERISTICS
(DC)
(AC)
For VC
Current
Rating
Rating
HOW TO ORDER
VC0015
_ _
≤18.0
≤14.0
50
1
10
0.05
30
75
0603
AVX
Working Working
Clamping
Test
Maximum
Transient
Peak
Max
Part Number
Voltage
Voltage
Voltage
Current
Leakage
Energy
Current
Cap
Size
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
RMS
Cap
Max Capacitance (pF) @ 1MHz and 0.5 V
VC0015
D = 7" ( 1,000 pcs.)
Style
Case Size
(Reel Size)
P = Ni/Sn Alloy (Plated)
Packaging Code
Termination
VC
0015
VC = Varistor
D
P
0015 = 0603 (75pF Max)
R = 7" ( 4,000 pcs.)
W = 13" (10,000 pcs.)


Similar Part No. - VC0015

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V121WP AVX-VC020103V121WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V151WP AVX-VC020103V151WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020105T101WP AVX-VC020105T101WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
More results

Similar Description - VC0015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
MLA Automotive Varistor Series
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
Qualified for automotive applications
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
Qualified for Automotive Applications
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
AVY SEI-AVY Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com