Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCAS06LC18X500RP Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS06LC18X500RP
Description  StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS06LC18X500RP Datasheet(HTML) 1 Page - AVX Corporation

  VCAS06LC18X500RP Datasheet HTML 1Page - AVX Corporation VCAS06LC18X500RP Datasheet HTML 2Page - AVX Corporation VCAS06LC18X500RP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
43
StaticGuard Automotive Series
Multilayer Varistors for Automotive Applications
GENERAL DESCRIPTION
The StaticGuard Automotive Series are low capacitance
versions of the TransGuard and are designed for general
ESD protection of CMOS, Bi-Polar, and SiGe based
systems. The low capacitance makes these products
suitable for use in high speed data transmission lines.
FEATURES
• AEC Q200 Qualified
• ISO 7637 Pulse 1-3 capability
• Meet 27.5Vdc Jump Start requirements
• Multi-strike capability
• Sub 1nS response to ESD strike
ELECTRIAL CHARACTERISTICS
AVX
Working
Working
Clamping
Test
Maximum
Transient
Peak
Typical
Case
Power
Part Number
Voltage
Voltage
Voltage
Current
Leakage
Energy
Current
Cap
Size
Dissipation
(DC)
(AC)
For V
C
Current
Rating
Rating
VCAS04LC18V500
≤18.0
≤14.0
50
1
10
0.02
15
40
0402
0.0004
VCAS06LC18X500
≤18.0
≤14.0
50
1
10
0.05
30
50
0603
0.001
VCAS08LC18A500
≤18.0
≤14.0
50
1
10
0.10
30
80
0805
0.002
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ frequency specified and 0.5 V
RMS
P
Termination
P = Ni/S
06
Case
Size
04 = 0402
06 = 0603
08 = 0805
VC
Varistor
Chip
AS
Series
AS = Automotive
LC
Low Cap
Design
18
Working
Voltage
18 = 18.0VDC
X
Energy
Rating
A = 0.10 Joules
V = 0.02 Joules
X = 0.05 Joules
500
Clamping
Voltage
150 = 18V
200 = 22V
300 = 32V
400 = 42V
500 = 50V
R
Packaging
(PCS/REEL)
D = 1,000
R = 4,000
T = 10,000
W = 0402
10000
HOW TO ORDER


Similar Part No. - VCAS06LC18X500RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS06LC18X500 AVX-VCAS06LC18X500 Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
More results

Similar Description - VCAS06LC18X500RP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
Leaded Varistors Automotive Series
B72207S1390K201 EPCOS-B72207S1390K201 Datasheet
90Kb / 4P
Automotive Series for 42-V Supply Systems Leaded Varistors
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
Multilayer Varistors for Automotive Applications
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400_17 Datasheet
612Kb / 10P
Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
Radial Leaded Automotive Varistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com