Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGAS Datasheet(PDF) 1 Page - AVX Corporation

Part # VGAS
Description  Glass Encapsulated TransGuard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VGAS Datasheet(HTML) 1 Page - AVX Corporation

  VGAS Datasheet HTML 1Page - AVX Corporation VGAS Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Glass Encapsulated TransGuard
®
Automotive Series
GENERAL DESCRIPTION
The Glass Encapsulated TransGuard
® Automotive Series are
zinc oxide (ZnO) based ceramic semiconductor devices with
non-linear, bi-directional voltage-current characteristics.
They have the advantage of offering bi-directional
overvoltage protection as well as EMI/RFI attenuation in a
single SMT package. The Automotive Series high current
and high energy handling capability make them well suited
for protection against automotive related transients.
These large case size parts extend TransGuard range into
high energy applications. In addition the glass encapsulation
provides enhanced resistance against harsh environment or
process such as acidic environment, salts or chlorite flux.
PHYSICAL DIMENSIONS: mm (inches)
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
1210
3.20±0.20
2.49±0.20
1.70
0.14 max.
(0.126±0.008)
(0.098±0.008)
(0.067)
(0.045 max.)
1812
4.50±0.30
3.20±0.30
2.00
1.00 max.
(0.177±0.012)
(0.126±0.012)
(0.079)
(0.040 max.)
2220
5.70±0.40
5.00±0.40
2.50
1.00 max.
(0.224±0.016)
(0.197±0.016)
(0.098)
(0.040 max.)
FEATURES
• High Reliability
• High Energy Absorption (Load Dump)
• High Current Handling
• Bi-Directional protection
• EMI/RFI attenuation in off-state
• Multi-strike capability
• Sub 1nS response to ESD strike
• AEC Q200 Qualified
APPLICATIONS
• Various Automotive Applications
• Internal Combustion Engine (ICE) Vehicles
• Hybrid Electric Vehicles (HEV)
• Plug-in Hybrid Electric Vehicles (PHEV)
• Commercial Vehicles
• Sensors
• DC Motor
• LIN BUS
• Relays
• ECU
• and more
• Applications where Glass Encapsulation is
needed for Harsh Environment/Acid-
Resistance
GENERAL
CHARACTERISTICS
Operating Temperature:
-55ºC to 125ºC
V
Varistor
G
Glass
Encapsulate
Chip
AS
Automotive
Series
1812
Chip Size
1210
1812
2220
16
Working
Voltage
16 = 16Vdc
34 = 34Vdc
65 = 65Vdc
P
Engergy
Rating
S = 2.0J
P = 2.9J
U = 5.0J
Y = 7.2-12J
400
Clamping
Voltage
400 = 42V
770 = 77V
131 = 135V
R
Package
D = 7" reel
R = 7" reel
T = 13" reel
P
Termination
P = Ni/Sn plated
HOW TO ORDER


Similar Part No. - VGAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VGAS120616D390DP AVX-VGAS120616D390DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D400DP AVX-VGAS120616D400DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D440DP AVX-VGAS120616D440DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D490DP AVX-VGAS120616D490DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
VGAS120616D540DP AVX-VGAS120616D540DP Datasheet
116Kb / 2P
Multilayer Varistors for Automotive Applications
More results

Similar Description - VGAS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
Glass-Encapsulated Sensors
B57550G0202 EPCOS-B57550G0202 Datasheet
61Kb / 3P
Glass-Encapsulated Sensors
B57560G0202 EPCOS-B57560G0202 Datasheet
61Kb / 3P
Glass-Encapsulated Sensors
B57660G0222 EPCOS-B57660G0222 Datasheet
61Kb / 3P
Glass-Encapsulated Sensors
B57750G0385 EPCOS-B57750G0385 Datasheet
60Kb / 3P
Glass-Encapsulated Sensors
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400 Datasheet
669Kb / 8P
TransGuard Automotive Series
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
Glass Encapsulated TransGuard
logo
TDK Electronics
B57551G1103F000 TDK-B57551G1103F000 Datasheet
415Kb / 24P
Glass-encapsulated sensors
B57565G1103F000 TDK-B57565G1103F000 Datasheet
444Kb / 19P
Glass-encapsulated sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com