Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53RAA-R25-A15L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 53RAA-R25-A15L
Description  51/53 - Sealed 1/2 ??(12.5 mm) Square Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

53RAA-R25-A15L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  53RAA-R25-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 53RAA-R25-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 53RAA-R25-A15L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPT.
3/8-32UNEF-2A
1/4-32UNEF-2A
3/8-32UNEF-2A
M6 X .075-6g
M7 X .075-6g
M10 X 0.75-6g
9.53
(.375)
1.60 ± 0.25
(.063 ± .010)
OPT.
1.194 ± 0.10
(.047 ± .004)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
OPT.
6.35
(.250)
0.79 ± 0.25
(.031 ± .010)
OPT.
0.79 ± 0.10
(.031 ± .004)
SHAFT
3.18
(.125)
BUSHING
6.35
(.250)
OPT.
9.53
(.375)
1.52 ± 0.25
(.060 ± .010)
OPT.
5.49 ± 0.10
(.216 ± .005)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
MAX. FLAT LENGTH
15.88
(.625)
8.0
(.315)
1.52 ± 0.25
(.060 ± .010)
0.79 ± 0.10
(.031 ± .004)
SHAFT
3.0
(.118)
BUSHING
6.0
(2.36)
8.0
(.315)
1.52 ± 0.25
(.060 ± .010)
0.79 ± 0.10
(.031 ± .004)
SHAFT
4.0
(.157)
BUSHING
7.0
(2.75)
9.5
(.374)
1.80 ± 0.25
(.071 ± .010)
1.00 ± 0.10
(.039 ± .004)
SHAFT
6.0
(.236)
BUSHING
10.0
(.394)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
51/53 - Sealed 1/2 ” (12.5 mm) Square Control
Shaft/Bushing Styles
STD. LENGTH ‘L’
.500
(12.7)
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
A Style Bushing
STD. LENGTH ‘L’
.375
(9.53)
.500
(12.7)
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
C Style Bushing
STD. LENGTH ‘L’
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
A Style Bushing -
Flatted Shaft
STD. LENGTH ‘L’
.630
(16.0)
.866
(22.0)
.984
(25.0)
S Style Bushing
STD. LENGTH ‘L’
.630
(16.0)
.866
(22.0)
.984
(25.0)
U Style Bushing
STD. LENGTH ‘L’
.630
(16.0)
.866
(22.0)
.984
(25.0)
R Style Bushing
DIMENSIONS:
MM
(INCHES)
How To Order
51
A
A
D
-
B
28
-
A
15
Part number for multiple
section potentiometers
must have a taper
and resistance value
for each section.
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
12
3/8 ”
C
16
1/2 ”
A, C
20
5/8 ”
A, C
24
3/4 ”
A, C
28
7/8 ”
A, C
32
1 ”
A, C
Metric
16
16 mm
R, S, U
22
22 mm
R, S, U
25
25 mm
R, S, U
ELEMENT TAPER
RESISTANCE
TYPE/TOLERANCE
(CODE)
Code
Description
VALUE IN OHMS
(A)
Linear Cermet ±10 %
(28) — 150
(14) — 7.5 K
(H)
Linear Cermet ±5 %
(06) — 200
(15) — 10 K
(07) — 250
(30) — 15 K
(08) — 500
(16) — 20 K
(09) — 750
(17) — 25 K
(10) — 1 K
(18) — 50 K
(29) — 1.5 K
(19) — 75 K
(11) — 2 K
(20) — 100 K
(12) — 2.5 K
(23) — 500 K
(13) — 5 K
(25) — 1 M
(B)
Linear C-P ±20 %
(10) — 1 K
(18) — 50 K
(E)
Linear C-P ±10 %
(12) — 2.5 K
(20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(16) — 20 K
(25) — 1 M
(17) — 25 K
(C)
CW Audio Cermet
(10) — 1 K
(18) — 50 K
±10 %
(12) — 2.5 K
(20) — 100 K
(F)
CCW Audio Cermet
(13) — 5 K
(23) — 500 K
±10 %
(15) — 10 K
(25) — 1 M
(17) — 25 K
(D)
CW Audio C-P ±20 %
(10) — 1 K
(18) — 50 K
(S)
CW Audio C-P ±10 %
(12) — 2.5 K
(20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
(G)
CCW Audio C-P
(10) — 1 K
(18) — 50 K
±20 %
(12) — 2.5 K
(20) — 100 K
(T)
CCW Audio C-P
(13) — 5 K
(22) — 250 K
±10 %
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
(Y)
CW Dual Audio
(10) — 1 K
(18) — 50 K
Taper C-P ±20 %
(12) — 2.5 K
(20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
MODEL
Code
51
53
Description
PC Pins (.100 ” centers)
Solder Lugs
BUSHING CONFIGURATION
Code
A
C
R
S
U
Description
3/8 ” D x 3/8 ” L
1/4 ” D x 1/4 ” L
10 mm D x 9.5 mm L
6 mm D x 8 mm L
7 mm D x 8 mm L
MOUNTING BRACKET/
ANTI-ROTATION LUG
Code
A
D
L
M
N
Description
AR Lug 90 °CW
No AR Lug or Bracket
Front Bracket
Rear Bracket
Front and Rear Bracket
# SECTIONS/DETENTS
Code
A
B
E
F
Description
Single No Detent
Double No Detent
Single w/Center Detent
Double w/Center Detent
Boldface features are Bourns standard options. All others are available with higher
minimum order quantities.
AVAILABLE ONLY IN
SHAFT TYPE
BUSHINGS
LENGTHS
Code
Description
Code
Description
B
Single Slotted 1/4 ”D
A
24,28
C
Single Flatted 1/4 ”D
A
20,24,28,32
E
Single Slotted 1/8 ”D
C
12,16,20,24,28
R
Single Slotted 6 mmD
R
16,22,25
T
Single Slotted 4 mmD
U
16,22,25
U
Single Slotted 3 mmD
S
16,22,25
/
A15
L
RoHS IDENTIFIER
Compliant
L
REV. 05/13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com