Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7B-0442 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XM7B-0442
Description  New, Compact, USB-Compliant Interface Connectors.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7B-0442 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XM7B-0442 Datasheet HTML 1Page - Omron Electronics LLC XM7B-0442 Datasheet HTML 2Page - Omron Electronics LLC XM7B-0442 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1053
Text
USB Connectors - XM7
Classification
Sockets
Item
Type
A-type Sockets
B-type Sockets
Housing
Fiber-glass reinforced PBT
Fiber-glass reinforced PBT
resin (UL94V-0)/black
resin (UL94V-0)/white
Contacts
Mating end
Phosphor bronze/nickel base, 0.76-mm gold plating
Terminals
Phosphor bronze/nickel base, tin plated
Shell
Phosphor bronze/tin plated
■
Materials and Finish
■
Dimensions (Unit: mm)
Contact No. 1
14.5
12.5
Contact No. 4
7.12 5.12
2
7
(16.2)
14.0
4.13
6.99
(11.4)
2.84
3.72
2.71
10.28
Mounting holes (t = 1.6 mm, bottom view)
13.14
±0.1
3.07
±0.1
Two, 2.3
±0.08 dia.
Four, 0.92
±0.08 dia.
2.0
±0.1
7.0
±0.1
2.5
±0.1
2.71
±0.1
XM7A-0442
Single-row A-type Sockets
Omron A5 Catalogue 2007 915-1072
12/9/06
10:05 am
Page 1053



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com