Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-33SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-33SC
Description  AC/DC-Converter with 3 year Warranty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-33SC Datasheet(HTML) 2 Page - Recom International Power

  RAC04-33SC Datasheet HTML 1Page - Recom International Power RAC04-33SC Datasheet HTML 2Page - Recom International Power RAC04-33SC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
REV:0/2012
RAC04-xxSC/277
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, full load after warm-up)
www.recom-electronic.com
Specifications (measured at TA 25°C, full load after warm-up)
Relative Humidity
Non Condensing
95% RH max.
Package Weight
31.5g typ.
Physical Dimenstions
(LxWxH)
36.7x27.2x17.1 mm
EMC
Conducted and Radiated
EN55022 Class B
Noise Immunity
EN55024
MTBF (+25°C)
MIL-HDBK-217F
500 x 10³ hours
Certification
CE
EN55022 Class B
UL General Safety
UL60950-1, 2nd Edition
EN General Safety
EN60950-1, 2nd Edition
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
RAC04C-3.3SH
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
RAC04C-05SH
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
RAC04C-12SH
RAC04C-15SH
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
RAC04C-05DH
RAC04C-12DH
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com