Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6DF3 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ZB6DF3
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6DF3 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ZB6DF3 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6DF3 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26
Harmony™ XB6/ZB6
16 mm push buttons
Selector switches, standard handle (illuminated and non illuminated)
Rectangular head
Square head
XB6DDpppp,
XB6CDpppp,
Circular head
XB6ADpppp
Key switches
Rectangular head
Square head
XB6DGppp
XB6CGppp
Circular head
XB6AGppp
e: panel thickness 1 to 6 mm
e: panel thickness 1 to 6 mm
e: panel thickness 1 to 6 mm
Dimensions (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dual Dimensions: in (mm)
2.6875
(68)
0.75
(19)
e
1.625
(41.5)
0.9375
(24)
e
1.625
(41.5)
0.75
(19)
2.6875
(68)
0.75
(18)
e
1.625
(41.5)
0.75
(19)
2.6875
(68)
0.75
(18)
3.15
(80)
e
1.34
(34)
1.625
(41.5)
0.9375
(24)
e
1.625
(41.5)
1.34
(34)
3.15
(80)
0.75
(18)
e: panel thickness 1 to 6 mm
e
1.625
(41.5)
1.34
(34)
3.15
(80)
0.75
(18)
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com