Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SST310
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST310 Datasheet(HTML) 1 Page - Vishay Siliconix

  SST310 Datasheet HTML 1Page - Vishay Siliconix SST310 Datasheet HTML 2Page - Vishay Siliconix SST310 Datasheet HTML 3Page - Vishay Siliconix SST310 Datasheet HTML 4Page - Vishay Siliconix SST310 Datasheet HTML 5Page - Vishay Siliconix SST310 Datasheet HTML 6Page - Vishay Siliconix SST310 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-04028—Rev. G, 04-Jun-01
www.vishay.com
7-1
N-Channel JFETs
J308
SST308
U309
J309
SST309
U310
J310
SST310
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
J308
–1 to –6.5
–25
8
12
J309
–1 to –4
–25
10
12
J310
–2 to –6.5
–25
8
24
SST308
–1 to –6.5
–25
8
12
SST309
–1 to –4
–25
10
12
SST310
–2 to –6.5
–25
8
24
U309
–1 to –4
–25
10
12
U310
–2.5 to –6
–25
10
24
FEATURES
BENEFITS
APPLICATIONS
D Excellent High Frequency Gain:
Gps 11.5 dB @ 450 MHz
D Very Low Noise: 2.7 dB @ 450 MHz
D Very Low Distortion
D High ac/dc Switch Off-Isolation
D Wideband High Gain
D Very High System Sensitivity
D High Quality of Amplification
D High-Speed Switching Capability
D High Low-Level Signal Amplification
D High-Frequency Amplifier/Mixer
D Oscillator
D Sample-and-Hold
D Very Low Capacitance Switches
DESCRIPTION
The J/SST/U308 series offers superb amplification characteristics.
Of special interest is its high-frequency performance. Even at 450
MHz, this series offers high power gain at low noise.
Low-cost J series TO-226AA (TO-92) packaging supports
automated assembly with tape-and-reel options. The SST series
TO-236 (SOT-23) package provides surface-mount capabilities
and is available with tape-and-reel options. The U series
hermetically-sealed TO-206AC (TO-52) package supports full
military processing. (See Military and Packaging Information for
further details.)
For similar dual products packaged in the TO-78, see the
U430/431 data sheet
.
D
S
G
TO-236
(SOT-23)
2
3
1
TO-226AA
(TO-92)
Top View
J308
J309
J310
D
G
S
1
2
3
Top View
SST308 (Z8)*
SST309 (Z9)*
SST310 (Z0)*
*Marking Code for TO-236
Top View
U309
U310
G and Case
TO-206AC
(TO-52)
D
S
1
23
For applications information see AN104.


Similar Part No. - SST310

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST310 CALOGIC-SST310 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
SST310 LINEAR-SST310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
Vishay Siliconix
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
Very High System Sensitivity
24-Jan-05
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
More results

Similar Description - SST310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com