Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF253DT Datasheet(PDF) 13 Page - STMicroelectronics

Part # LF253DT
Description  Wide bandwidth dual JFET operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF253DT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LF253DT Datasheet HTML 7Page - STMicroelectronics LF253DT Datasheet HTML 8Page - STMicroelectronics LF253DT Datasheet HTML 9Page - STMicroelectronics LF253DT Datasheet HTML 10Page - STMicroelectronics LF253DT Datasheet HTML 11Page - STMicroelectronics LF253DT Datasheet HTML 12Page - STMicroelectronics LF253DT Datasheet HTML 13Page - STMicroelectronics LF253DT Datasheet HTML 14Page - STMicroelectronics LF253DT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LF253, LF353
Ordering information
Doc ID 2153 Rev 3
13/15
7
Ordering information
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
LF253N
-40°C, +105°C
DIP8
Tube
LF253N
LF253D
LF253DT
SO-8
Tube or
Tape & reel
253
LF353N
0°C, +70°C
DIP8
Tube
LF353N
LF353D
LF353DT
SO-8
Tube or
Tape & reel
353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com