Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # U310
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U310 Datasheet(HTML) 6 Page - Vishay Siliconix

  U310 Datasheet HTML 1Page - Vishay Siliconix U310 Datasheet HTML 2Page - Vishay Siliconix U310 Datasheet HTML 3Page - Vishay Siliconix U310 Datasheet HTML 4Page - Vishay Siliconix U310 Datasheet HTML 5Page - Vishay Siliconix U310 Datasheet HTML 6Page - Vishay Siliconix U310 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
J/SST/U308 Series
Vishay Siliconix
www.vishay.com
7-6
Document Number: 70237
S-04028—Rev. G, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1
10
100
100
80
40
20
0
60
VGS(off) = –1.5 V
VGS(off) = –3 V
On-Resistance vs. Drain Current
ID – Drain Current (mA)
110
0.1
100
80
40
20
0
60
ID – Drain Current (mA)
R
L +
10 V
I
D
Assume VDD = 15 V, VDS = 5 V
VGS(off) = –1.5 V
VGS(off) = –3 V
Circuit Voltage Gain vs. Drain Current
15
0
–12
–16
–20
–4
12
6
3
0
9
–8
Common-Source Input Capacitance
vs. Gate-Source Voltage
VDS = 0 V
f = 1 MHz
VDS = 5 V
VGS – Gate-Source Voltage (V)
Common-Source Reverse Feedback Capacitance
vs. Gate-Source Voltage
10
0
–12
–20
–16
–4
8
4
2
0
6
–8
VDS = 0 V
f = 1 MHz
VDS = 5 V
VGS – Gate-Source Voltage (V)
100
10
1
0.1
100
1000
TA = 25_C
VDG = 10 V
ID = 10 mA
Common–Gate
gig
big
Input Admittance vs. Frequency
f – Frequency (MHz)
100
10
1
0.1
100
1000
TA = 25_C
VDG = 10 V
ID = 10 mA
Common–Gate
–gfg
bfg
Forward Admittance vs. Frequency
f – Frequency (MHz)
200
500
200
500
A
V +
g
fs RL
1
) R
Lgos



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com