Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062CDT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL062CDT
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062CDT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL062CDT Datasheet HTML 7Page - STMicroelectronics TL062CDT Datasheet HTML 8Page - STMicroelectronics TL062CDT Datasheet HTML 9Page - STMicroelectronics TL062CDT Datasheet HTML 10Page - STMicroelectronics TL062CDT Datasheet HTML 11Page - STMicroelectronics TL062CDT Datasheet HTML 12Page - STMicroelectronics TL062CDT Datasheet HTML 13Page - STMicroelectronics TL062CDT Datasheet HTML 14Page - STMicroelectronics TL062CDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
TL062, TL062A, TL062B
14/15
Doc ID 2294 Rev 4
6
Ordering information
7
Revision history
Table 7.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TL062IN
TL062AIN
TL062BIN
-40 °C, +105 °C
DIP8
Tube
TL062IN
TL062AIN
TL062BIN
TL062ID/IDT
TL062AID/AIDT
TL062BID/BIDT
SO-8
Tube or
tape and reel
062I
062AI
062BI
TL062CN
TL062ACN
TL062BCN
0 °C, +70 °C
DIP8
Tube
TL062CN
TL062ACN
TL062BCN
TL062CD/CDT
TL062ACD/ACDT
TL062BCD/BCDT
SO-8
Tube or
tape and reel
062C
062AC
062BC
Table 8.
Document revision history
Date
Revision
Changes
28-Mar-2001
1
Initial release.
27-Jul-2007
2
Added values for Rthja and Rthjc in Table 1: Absolute maximum
ratings.
Added Table 2: Operating conditions.
Updated format.
15-Mar-2010
3
Updated document format.
Added TL062A and TL062B in title on cover page.
Updated package information in Chapter 5.
21-Sep-2012
4
Removed TL062M, AM, BM /TL062I, AI, BI / TL062C, AC, BC part
numbers and temperature ranges from Table 1. and TL062M, AM,
BM from Table 2.
Removed TL062M, updated min. “Input common mode voltage
range” for TL062C device in Table 3.
Removed TL062AM and TL062BM devices, updated max. ”Input
offset voltage - Tamb” for TL062AC, AI devices in Table 4.
Removed TL062MN, TL062AMN, TL062BMN, TL062MD/MDT,
TL062AMD/AMDT, TL062BMD/BMDT part numbers from Table 7.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com