Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC0343510 Datasheet(PDF) 1 Page - OptoSupply International

Part # AC0343510
Description  AWG#22 4-wire cable with 4-way 2.54 terminal plug - 0.35m
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

AC0343510 Datasheet(HTML) 1 Page - OptoSupply International

  AC0343510 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Descriptions:
1
AWG#22 4-wire cable with 4-way 2.54 terminal plug -
0.35m
Application:
1
All 5050 RGB & signle color LED strip connect wire
Product Picture:
1
Product Dimensions:
1
units:mm
tolerance:±0.5mm
300mm
Yellow Green
red
Blue
Model No.
AC0343510
REV.
C1


Similar Part No. - AC0343510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC03 PHILIPS-AC03 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC03 ETC1-AC03 Datasheet
398Kb / 24P
Cemented wirewound resitors
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
logo
Vishay Siliconix
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
AC03 VISHAY-AC03 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
More results

Similar Description - AC0343510

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-4S AMPHENOL-AT06-4S Datasheet
138Kb / 1P
Plug, 4 Way
logo
Molex Electronics Ltd.
0192040025 MOLEX4-0192040025 Datasheet
81Kb / 3P
InsulKrimp??4 Way Splice for 10-12 AWG Wire
0192040003 MOLEX4-0192040003 Datasheet
80Kb / 2P
InsulKrimp??4 Way Splice for 18-22 AWG Wire
0192040017 MOLEX4-0192040017 Datasheet
80Kb / 2P
Avikrimp??4 Way Splice for 14-16 AWG Wire
0191390016 MOLEX4-0191390016 Datasheet
92Kb / 2P
Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 4
0194190005 MOLEX4-0194190005 Datasheet
100Kb / 2P
MX150L??4 Circuit Plug for 18-22 AWG Wire
logo
OptoSupply Internationa...
AC0241020 OPTOSUPPLY-AC0241020 Datasheet
576Kb / 1P
AWG#26 4-wire(Black.Green.Red.Blue) cable(white)with 4-pin socket
AC0243010 OPTOSUPPLY-AC0243010 Datasheet
578Kb / 1P
AWG#22 4-wire (Yellow, Green, Red, Blue) with 4-pin socket
AC0323510 OPTOSUPPLY-AC0323510 Datasheet
578Kb / 1P
AWG#22 2-wire cable with 2-way 2.54 terminal plug - 0.35m
logo
Molex Electronics Ltd.
0194190005 MOLEX1-0194190005_18 Datasheet
39Kb / 2P
MX150L 4 Circuit Plug for 18-22 AWG Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com