Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASH1201 Datasheet(PDF) 1 Page - OptoSupply International

Part # ASH1201
Description  12mm wide IP67& IP68 LED light strip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

ASH1201 Datasheet(HTML) 1 Page - OptoSupply International

  ASH1201 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Size
27.5mm*6mm*5.35mm
Temperature
-10℃-40℃
Weight
0.5g
Application:
12mm wide
IP67& IP68 LED light strip
Product Picture:
Product Dimensions:
Model No.
ASH1201
REV.
C1
U u it:m m
T o le r a n ce:+ 0 .2


Similar Part No. - ASH1201

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASH10-12 PAIRUI-ASH10-12 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH10-15 PAIRUI-ASH10-15 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH10-24 PAIRUI-ASH10-24 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH10-3 PAIRUI-ASH10-3 Datasheet
563Kb / 5P
AC-DC CONVERTER
ASH10-5 PAIRUI-ASH10-5 Datasheet
563Kb / 5P
AC-DC CONVERTER
More results

Similar Description - ASH1201

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
ASH1001 OPTOSUPPLY-ASH1001 Datasheet
576Kb / 1P
10mm wide IP67& IP68 LED light strip
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
LED Waterproof Light, IP68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com