Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSPR3XR1-R5XME1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSPR3XR1-R5XME1C1E
Description  3PCS Xeon 1 Power LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPR3XR1-R5XME1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSPR3XR1-R5XME1C1E Datasheet HTML 1Page - OptoSupply International OSPR3XR1-R5XME1C1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3PCS Xeon 1 Power LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• LED model number: XXXME1C1E
Features:
1
• Available in red, yellow, green, blue, white
• Super Bright
• Big Emitting Angle
• Superior ESD Protection
• Superior UV Resistance
Application:
1
• Small Space Lighting
• Mechanical equipment lights
Product Picture and Dimensions:
Model No.
OSPR3XX1-
XXXME1C1E
REV.
C1
Unit:mm
Tolerance: ±0.3mm


Similar Part No. - OSPR3XR1-R5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPR3XT2-TCXBEAC1E OPTOSUPPLY-OSPR3XT2-TCXBEAC1E Datasheet
356Kb / 1P
3PCS Xeon 1 Power RGB LED Module
OSPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
3PCS Xeon 1 Power RGB LED Highest Luminous Flux
OSPR3XW1-W4XME1C1E OPTOSUPPLY-OSPR3XW1-W4XME1C1E Datasheet
58Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSPR3XW3-W4XME1C1E OPTOSUPPLY-OSPR3XW3-W4XME1C1E Datasheet
56Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSPR3XX1-B5XME1C1E OPTOSUPPLY-OSPR3XX1-B5XME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
More results

Similar Description - OSPR3XR1-R5XME1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPR3XT2-TCXBEAC1E OPTOSUPPLY-OSPR3XT2-TCXBEAC1E Datasheet
356Kb / 1P
3PCS Xeon 1 Power RGB LED Module
OSPR3XW1-W4XME1C1E OPTOSUPPLY-OSPR3XW1-W4XME1C1E Datasheet
58Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSPR3XW3-W4XME1C1E OPTOSUPPLY-OSPR3XW3-W4XME1C1E Datasheet
56Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED
OSPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
3PCS Xeon 1 Power RGB LED Highest Luminous Flux
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-R5XME1C1E OPTOSUPPLY-OSPR3XX3-R5XME1C1E Datasheet
45Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX1-XXXME1C1E OPTOSUPPLY-OSPR3XX1-XXXME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-XXXME1C1E OPTOSUPPLY-OSPR3XX3-XXXME1C1E Datasheet
45Kb / 2P
3PCS Xeon 1 Power LED Green light source, fast response
OSPPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
3PCS Xeon 1 Power RGB LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com