Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU01 Datasheet(PDF) 2 Page - AVX Corporation

Part # CU01
Description  RF/Microwave C0G (NP0) Capacitors (RoHS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CU01 Datasheet(HTML) 2 Page - AVX Corporation

  CU01 Datasheet HTML 1Page - AVX Corporation CU01 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
215
8
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “CU” Series, C0G (NP0) Chip Capacitors
CAPACITANCE RANGE
ULTRA LOW ESR, “CU” SERIES
Cap
AvailableTolerance
(pF)
01005
0201
0.5
B,C,D
B,C,D
0.75
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
B,C,D
B,C,D
5.6
C,D
C,D
6.2
C,D
C,D
6.8
D
8.2
D
10.0
J,K
12.0
15.0
18.0
22.0
J,K
0
-5
In. loss
01005 6.2pF
R. loss
-10
-15
-20
-25
-30
-35
-40
-45
-50
02
4
6
8
10
12
Frequency (GHz)
0
-5
In. loss
0201 4.7pF
R. loss
-10
-15
-20
-25
-30
-35
-40
-45
-50
02
4
6
8
10
12
Frequency (GHz)
10
In. loss
0201 22pF
R. loss
Frequency (GHz)
0
-10
-20
-30
-40
-50
02
4
6
8
10
12
F (GHz)
IL
R. loss
F1
0.31
-0.40
-9.68
F2
1.28
-5.03
-1.44
F3
2.408
-11.58
-0.27
F4
4.635
-40.55
-0.39
F5
4.897
-31.82
-0.47
F (GHz)
IL
R. loss
F1
0.31
-0.13
-12.90
F2
1.28
-2.89
-2.84
F3
2.408
-8.09
-0.60
F4
4.635
-29.45
-0.37
F5
4.897
-38.55
-0.45
F (GHz)
IL
R. loss
F1
0.31
-2.90
-2.85
F2
1.28
-15.26
-0.10
F3
2.408
-45.65
-0.10
F4
4.635
-14.90
-0.87
F5
4.897
-12.89
-1.08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com