Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4 Datasheet(PDF) 2 Page - AVX Corporation

Part # SMM4
Description  SMPS Stacked MLC Capacitors (SMM Style) Extended Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMM4 Datasheet(HTML) 2 Page - AVX Corporation

  SMM4 Datasheet HTML 1Page - AVX Corporation SMM4 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
34
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
6.35
(0.250)
MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.143 (0.045)
1.397 (0.055)
±0.127 (0.005)
TYP.
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.143 (0.045)
1.397 (0.055)
±0.127 (0.005)
TYP.
±0.254 (0.010)
“M” STYLE LEADS
“K” STYLE LEADS
“N” STYLE LEADS
No. of Leads
Style
A (max.)
B (max.)
C ±.635 (±0.025)
D ±.635 (±0.025)
E (max.)
per side
SMM3
11.4 (0.450)
26.7 (1.050)
12.7 (0.500)
10
SMM4
10.2 (0.400)
10.2 (0.400)
11.2 (0.440)
4
SMM5
6.35 (0.250)
6.35 (0.250)
7.62 (0.300)
3
DIMENSIONS
CAPACITANCE RANGE
millimeters (inches)
See next table
below for maximum
“A” Dimension
For “N” Style Leads: “A” Dimension Plus 1.651 (0.065)
For “K” & “M” Style Leads: “A” Dimension Plus 1.39 (0.055)
AVX STYLE
SMM3
SMM4
SMM5
50V
100V 200V
500V
50V
100V 200V
500V
50V
100V
200V
500V
Height “A”
0.120"
27
15
8.2
3.9
10
4.7
3.3
1.2
3.9
1.8
1.2
0.56
0.240"
56
27
15
6.8
18
8.2
6.8
2.2
6.8
3.3
2.2
1.0
0.360"
82
47
22
12
27
12
10
3.3
12
5.6
3.3
1.6
0.480"
100
56
33
15
39
18
12
4.7
15
6.8
4.7
2.2
0.600"
120
68
39
18
49
22
15
5.6
18
8.2
5.6
2.7
Max Capacitance (μF) Available Versus Style and Height (Diminsion “A”)
SMPS Stacked MLC Capacitors
(SMM Style) Extended Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com