Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA340 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZB6YA340
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA340 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZB6YA340 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
Harmony™ XB6/ZB6
16 mm push buttons
Non illuminated
units for user
assembly
Contact functions
Body
sub-assemblies
Head sub-assemblies,
rectangular, square or circular
Head colors
For push buttons
Direct supply for
incandescent bulb
Quick connector
Full guard, spring return
ZB6ZpB
page 18
ZB6DAp
page 20
ZB6CAp
page 20
ZB6AAp
page 20
For mushroom head push
buttons and
Emergency stop heads
Maintained, trigger action 30 mm (EN/ISO 13850: 2006)
Turn to release
Key release
ZB6AS834
page 20
ZB6AS934
page 20
For selector switches
and key switches
Standard handle operator
ZB6DDpp
page 20
ZB6CDpp
page 20
ZB6ADpp
page 20
Key switches
ZB6DGpp
page 21
ZB6CGpp
page 21
ZB6AGpp
page 21
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com