Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA441 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZB6YA441
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA441 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZB6YA441 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
Heads for Ronis Key Operated Selector Switches (1)
(To combine with complete bodies and contact blocks, see page 18
Number and Type of Positions
Key Withdrawal
Rectangular Square
Round
Reference
Reference
Reference
Switching angle: maintained positions 70o, spring return positions 45o
2-maintained
Right-hand position
ZB6DGA
ZB6CGA
ZB6AGA
Center position
ZB6DGB
ZB6CGB
ZB6AGB
Both positions
ZB6DGC
ZB6CGC
ZB6AGC
2-spring return from right to center
Center position
ZB6DGL
ZB6CGL
ZB6AGL
3-maintained
Left-hand position
ZB6DGD
ZB6CGD
ZB6AGD
Center position
ZB6DGE
ZB6CGE
ZB6AGE
Left-hand and center
positions
ZB6DGF
ZB6CGF
ZB6AGF
Right-hand position
ZB6DGG
ZB6CGG
ZB6AGG
All 3 positions
ZB6DGH
ZB6CGH
ZB6AGH
Left-hand and right-hand
positions
ZB6DGJ
ZB6CGJ
ZB6AGJ
Right-hand and center
positions
ZB6DGK
ZB6CGK
ZB6AGK
3-spring return from right to center
Left-hand position
ZB6DGQ
ZB6CGQ
ZB6AGQ
Center position
ZB6DGR
ZB6CGR
ZB6AGR
Left-hand and center
positions
ZB6DGS
ZB6CGS
ZB6AGS
3-spring return to center
Center position
ZB6DGT
ZB6CGT
ZB6AGT
Note:
Indicates key withdrawal position.
(1) Ronis 200 key standard. Other keys available, refer to Catalog 9001CT0001.
Selector Switch Sequence (using contact block
assemblies, page 18)
2 Position Selector Switch
Contact block guide (2)
O
x
1 N.O. (left or right)
x
O
1 N.C. (left or right)
O
x
x
O
1 N.O.
and
1 N.C.
3 Position Selector Switch
Contact block guide (2)
O
O
x
1 N.O. (left)
x
O
x
2 N.O. wired in
parallel (side by side)
x
O
O
1 N.O. (right)
O
x
x
1 N.C. (right)
x
x
O
1 N.C. (left)
O
x
O
2 N.C. wired in
series (side by side)
(2) As viewed from the front of the panel.
For Legends, see pages 22 and 24.
ZB6DG•
ZB6CG•
ZB6AG•
Harmony™ XB6/ZB6
16 mm push buttons
Keyed selector switches
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com