Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT393D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HCT393D
Description  Dual 4-bit binary ripple counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT393D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HCT393D Datasheet HTML 8Page - NXP Semiconductors 74HCT393D Datasheet HTML 9Page - NXP Semiconductors 74HCT393D Datasheet HTML 10Page - NXP Semiconductors 74HCT393D Datasheet HTML 11Page - NXP Semiconductors 74HCT393D Datasheet HTML 12Page - NXP Semiconductors 74HCT393D Datasheet HTML 13Page - NXP Semiconductors 74HCT393D Datasheet HTML 14Page - NXP Semiconductors 74HCT393D Datasheet HTML 15Page - NXP Semiconductors 74HCT393D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 16 May 2013
12 of 21
NXP Semiconductors
74HC393; 74HCT393
Dual 4-bit binary ripple counter
Measurement points are given in Table 8.
a. Input pulse definition
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
b. Test circuit
Fig 11. Test circuit for measuring switching times
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tf
tr
tr
tf
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
D.U.T.
Table 9.
Test data
Type
Input
Load
VI
tr, tf
CL
74HC393
VCC
6 ns
15 pF, 50 pF
74HCT393
3 V
6 ns
15 pF, 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com