Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA125-102-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # DRA125-102-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA125-102-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  DRA125-102-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA125-102-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications
(1) Open Circuit Inductance test parameters: 100kHz, 0.25V, 0.0Adc,
tolerance is ±20%
(2) Irms: DC current for an approximate
∆T of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 165°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@25°C)
(4) Isat Amperes peak for approximately 40% rolloff (@125°C)
(5) DCR limits @ 25°C
(6) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in µH),
∆I (Peak to peak ripple current in Amps).
(7) Part Number Definition: DRAxxx-xxx-R
DRAxxx = Product code and size; -xxx = Inductance value in uH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant
Part Number
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR (5)
K-factor (6)
Inductance
µH
Amperes
Amperes
Amperes
(
Ω)
+/-20%
Typ.
DRA125-150-R
15.0
14.67
4.45
5.72
4.58
0.027
2.9
DRA125-220-R
22.0
20.65
3.95
4.74
3.79
0.035
2.4
DRA125-330-R
33.0
31.47
3.19
3.86
3.09
0.053
1.9
DRA125-470-R
47.0
47.83
2.59
3.13
2.506
0.081
1.6
DRA125-680-R
68.0
68.48
2.125
2.635
2.108
0.120
1.3
DRA125-820-R
82.0
80.86
2.005
2.406
1.925
0.135
1.2
DRA125-101-R
100
97.6
1.745
2.213
1.771
0.178
1.1
DRA125-151-R
150
150.0
1.409
1.785
1.428
0.273
0.9
DRA125-221-R
220
222.8
1.142
1.469
1.175
0.416
0.7
DRA125-331-R
330
325.1
0.998
1.194
0.955
0.543
0.6
DRA125-471-R
470
466.3
0.826
1.006
0.805
0.79
0.5
DRA125-681-R
680
683.3
0.673
0.834
0.667
1.20
0.4
DRA125-821-R
820
813.6
0.632
0.758
0.606
1.36
0.4
DRA125-102-R
1000
992.8
0.552
0.695
0.556
1.78
0.4
DRA127-R47-R
0.47
0.413
22.50
56.0
44.8
0.0012
14.3
DRA127-1R0-R
1.00
0.772
19.22
40.0
32.0
0.0017
10.2
DRA127-1R5-R
1.50
1.27
15.32
31.1
24.9
0.0027
7.9
DRA127-2R2-R
2.20
1.92
12.52
25.5
20.4
0.0040
6.5
DRA127-3R3-R
3.30
3.51
9.59
18.7
14.93
0.0068
4.8
DRA127-4R7-R
4.70
4.58
8.14
16.5
13.18
0.0094
4.2
DRA127-6R8-R
6.80
6.72
7.32
13.3
10.67
0.012
3.4
DRA127-8R2-R
8.20
8.33
6.33
12.2
9.74
0.016
3.1
DRA127-100-R
10.0
9.63
6.02
11.2
8.96
0.017
2.9
DRA127-150-R
15.0
14.90
4.83
9.03
7.23
0.027
2.3
DRA127-220-R
22.0
21.47
3.98
7.57
6.05
0.040
1.9
DRA127-330-R
33.0
32.01
3.22
6.22
4.98
0.060
1.6
DRA127-470-R
47.0
47.91
2.62
5.09
4.07
0.091
1.3
DRA127-680-R
68.0
68.22
2.333
4.18
3.34
0.115
1.1
DRA127-820-R
82.0
83.91
2.008
3.84
3.07
0.155
1.0
DRA127-101-R
100
100.8
1.888
3.46
2.77
0.175
0.9
DRA127-151-R
150
151.2
1.524
2.83
2.26
0.269
0.7
DRA127-221-R
220
219.8
1.253
2.35
1.88
0.398
0.6
DRA127-331-R
330
328.3
1.011
1.93
1.54
0.612
0.5
DRA127-471-R
470
474.5
0.827
1.62
1.29
0.91
0.4
DRA127-681-R
680
676.6
0.736
1.33
1.06
1.15
0.3
DRA127-821-R
820
824.6
0.637
1.22
0.978
1.54
0.3
DRA127-102-R
1000
998.7
0.598
1.10
0.878
1.75
0.3
Mechanical Diagrams
DRA73 Series
TOP VIEW
BOTTOM VIEW
7.6 Max
7.6 Max
FRONT VIEW
3.55
Max
###
wwllyy R
8.50
SCHEMATIC
2
1
RECOMMENDED PCB LAYOU T
2.50
2.00
3.25
1
2
1.5
Dimensions in Millimeters.
### = Inductance value in uH. R = decimal point.
If no R is present third character = # of zeros
wwllyy = (date code) R = revision level



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com