Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA127-R47-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # DRA127-R47-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA127-R47-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  DRA127-R47-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA127-R47-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications
(1) Open Circuit Inductance test parameters: 100kHz, 0.25V, 0.0Adc,
tolerance is ±20%
(2) Irms: DC current for an approximate
∆T of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 165°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@25°C)
(4) Isat Amperes peak for approximately 40% rolloff (@125°C)
(5) DCR limits @ 25°C
(6) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in µH),
∆I (Peak to peak ripple current in Amps).
(7) Part Number Definition: DRAxxx-xxx-R
DRAxxx = Product code and size; -xxx = Inductance value in uH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant
Part Number
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR (5)
K-factor (6)
Inductance
µH
Amperes
Amperes
Amperes
(
Ω)
+/-20%
Typ.
DRA74-R33-R
0.33
0.288
7.26
18.40
14.72
0.0054
52.6
DRA74-1R0-R
1.00
0.897
6.01
10.22
8.18
0.0078
29.2
DRA74-1R5-R
1.50
1.31
5.55
8.36
6.69
0.0092
23.9
DRA74-2R2-R
2.20
2.33
4.82
6.13
4.91
0.012
17.5
DRA74-3R3-R
3.30
3.05
4.16
5.41
4.33
0.016
15.5
DRA74-4R7-R
4.70
4.68
3.41
4.38
3.50
0.024
12.5
DRA74-6R8-R
6.80
6.51
2.91
3.68
2.94
0.034
10.5
DRA74-8R2-R
8.20
8.51
2.66
3.17
2.54
0.040
9.1
DRA74-100-R
10.0
9.62
2.56
2.97
2.37
0.043
8.5
DRA74-150-R
15.0
15.14
2.06
2.36
1.89
0.067
6.7
DRA74-220-R
22.0
22.25
1.68
1.96
1.57
0.100
5.6
DRA74-330-R
33.0
33.21
1.37
1.61
1.29
0.151
4.6
DRA74-470-R
47.0
46.56
1.14
1.37
1.099
0.219
3.9
DRA74-680-R
68.0
68.37
0.996
1.108
0.887
0.286
3.2
DRA74-820-R
82.0
81.45
0.879
1.034
0.827
0.367
3.0
DRA74-101-R
100
98.5
0.822
0.929
0.743
0.419
2.7
DRA74-151-R
150
150.9
0.661
0.748
0.598
0.648
2.1
DRA74-221-R
220
218.9
0.544
0.626
0.501
0.96
1.8
DRA74-331-R
330
328.9
0.435
0.514
0.411
1.50
1.5
DRA74-471-R
470
471.5
0.383
0.420
0.336
1.93
1.2
DRA74-681-R
680
682.8
0.315
0.352
0.282
2.86
1.0
DRA74-821-R
820
815.0
0.279
0.327
0.262
3.63
0.9
DRA74-102-R
1000
1001.7
0.260
0.292
0.234
4.19
0.8
DRA124-R47-R
0.47
0.423
15.15
30.80
24.6
0.0019
16.7
DRA124-1R0-R
1.00
0.821
11.65
22.00
17.6
0.0031
12.0
DRA124-1R5-R
1.50
1.36
9.36
17.11
13.7
0.0049
9.3
DRA124-2R2-R
2.20
2.04
7.64
14.00
11.2
0.007
7.6
DRA124-3R3-R
3.30
2.79
6.94
11.85
9.48
0.009
6.4
DRA124-4R7-R
4.70
4.74
5.47
9.06
7.25
0.014
4.9
DRA124-6R8-R
6.80
7.28
4.46
7.33
5.87
0.021
4.0
DRA124-8R2-R
8.20
8.88
3.87
6.70
5.36
0.028
3.6
DRA124-100-R
10.0
10.37
3.67
6.16
4.93
0.031
3.3
DRA124-150-R
15.0
14.10
3.10
5.31
4.25
0.044
2.9
DRA124-220-R
22.0
23.00
2.44
4.16
3.33
0.071
2.3
DRA124-330-R
33.0
34.13
1.98
3.42
2.74
0.108
1.9
DRA124-470-R
47.0
46.27
1.78
2.91
2.325
0.134
1.6
DRA124-680-R
68.0
69.77
1.454
2.369
1.895
0.201
1.3
DRA124-820-R
82.0
80.57
1.285
2.232
1.786
0.257
1.2
DRA124-101-R
100
98.8
1.199
2.000
1.600
0.296
1.1
DRA124-151-R
150
151.7
0.967
1.621
1.297
0.454
0.9
DRA124-221-R
220
209.6
0.865
1.363
1.090
0.568
0.7
DRA124-331-R
330
326.9
0.690
1.092
0.874
0.892
0.6
DRA124-471-R
470
473.0
0.568
0.911
0.729
1.32
0.5
DRA124-681-R
680
682.1
0.466
0.759
0.607
1.96
0.4
DRA124-821-R
820
826.7
0.406
0.697
0.557
2.57
0.4
DRA124-102-R
1000
1001.0
0.380
0.629
0.503
2.94
0.3
DRA125-R47-R
0.47
0.453
18.47
33.20
26.56
0.0016
16.7
DRA125-1R0-R
1.00
0.854
15.94
23.71
18.97
0.0021
12.0
DRA125-1R5-R
1.50
1.41
12.89
18.44
14.76
0.0033
9.3
DRA125-2R2-R
2.20
2.12
10.61
15.09
12.07
0.0048
7.6
DRA125-3R3-R
3.30
2.89
9.69
12.77
10.22
0.0058
6.4
DRA125-4R7-R
4.70
4.90
7.67
9.76
7.81
0.0092
4.9
DRA125-6R8-R
6.80
6.23
6.81
8.74
6.99
0.012
4.4
DRA125-8R2-R
8.20
7.49
6.41
7.90
6.32
0.013
4.0
DRA125-100-R
10.0
9.22
5.57
7.22
5.77
0.017
3.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com