Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 342 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 342 Page - Microchip Technology

Back Button SE22 Datasheet HTML 338Page - Microchip Technology SE22 Datasheet HTML 339Page - Microchip Technology SE22 Datasheet HTML 340Page - Microchip Technology SE22 Datasheet HTML 341Page - Microchip Technology SE22 Datasheet HTML 342Page - Microchip Technology SE22 Datasheet HTML 343Page - Microchip Technology SE22 Datasheet HTML 344Page - Microchip Technology SE22 Datasheet HTML 345Page - Microchip Technology SE22 Datasheet HTML 346Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 342
 2010-2012 Microchip Technology Inc.
27.3
LCD Clock Source Selection
The LCD module has 3 possible clock sources:
•FOSC/256
•T1OSC
•LFINTOSC
The first clock source is the system clock divided by
256 (FOSC/256). This divider ratio is chosen to provide
about 1 kHz output when the system clock is 8 MHz.
The divider is not programmable. Instead, the LCD
prescaler bits LP<3:0> of the LCDPS register are used
to set the LCD frame clock rate.
The second clock source is the T1OSC. This also gives
about 1 kHz when a 32.768 kHz crystal is used with the
Timer1 oscillator. To use the Timer1 oscillator as a
clock source, the T1OSCEN bit of the T1CON register
should be set.
The third clock source is the 31 kHz LFINTOSC, which
provides approximately 1 kHz output.
The second and third clock sources may be used to
continue running the LCD while the processor is in
Sleep.
Using bits CS<1:0> of the LCDCON register can select
any of these clock sources.
27.3.1
LCD PRESCALER
A 4-bit counter is available as a prescaler for the LCD
clock. The prescaler is not directly readable or writable;
its value is set by the LP<3:0> bits of the LCDPS register,
which determine the prescaler assignment and prescale
ratio.
The prescale values are selectable from 1:1 through
1:16.
FIGURE 27-2:
LCD CLOCK GENERATION
CS<1:0>
T1OSC 32 kHz
Crystal Osc.
LFINTOSC
Nominal = 31 kHz
Static
1/2
1/3,
1/4
÷4
LMUX<1:0>
4-bit Prog
÷1, 2, 3, 4
Ring Counter
÷256
FOSC
÷2
÷ 32
LP<3:0>
Prescaler
To Ladder
Power Control
Segment
Clock
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com