Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 345 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 345 Page - Microchip Technology

Back Button SE22 Datasheet HTML 341Page - Microchip Technology SE22 Datasheet HTML 342Page - Microchip Technology SE22 Datasheet HTML 343Page - Microchip Technology SE22 Datasheet HTML 344Page - Microchip Technology SE22 Datasheet HTML 345Page - Microchip Technology SE22 Datasheet HTML 346Page - Microchip Technology SE22 Datasheet HTML 347Page - Microchip Technology SE22 Datasheet HTML 348Page - Microchip Technology SE22 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 345
PIC16(L)F1946/47
27.5.3
AUTOMATIC POWER MODE
SWITCHING
As an LCD segment is electrically only a capacitor, cur-
rent is drawn only during the interval where the voltage
is switching. To minimize total device current, the LCD
internal reference ladder can be operated in a different
power mode for the transition portion of the duration.
This
is
controlled
by
the
LCDRL
Register
(Register 27-7).
The LCDRL register allows switching between two
power modes, designated ‘A’ and ‘B’. ‘A’ Power mode
is active for a programmable time, beginning at the
time when the LCD segments transition. ‘B’ Power
mode is the remaining time before the segments or
commons change again. The LRLAT<2:0> bits select
how long, if any, that the ‘A’ Power mode is active.
Refer to Figure 27-4.
To implement this, the 5-bit prescaler used to divide
the 32 kHz clock down to the LCD controller’s 1 kHz
base rate is used to select the power mode.
FIGURE 27-4:
LCD INTERNAL REFERENCE LADDER POWER MODE SWITCHING DIAGRAM –
TYPE A
Single Segment Time
‘H00
‘H01
‘H02
‘H03
‘H04
‘H05
‘H06
‘H07
‘H0E
‘H0F
‘H00
‘H01
‘H3
Power Mode A
Power Mode B
Mode A
LRLAT<2:0>
32 kHz Clock
Ladder Power
Segment Clock
LRLAT<2:0>
Segment Data
Power Mode
COM0
SEG0
COM0-SEG0
Control
V0
V1
V0
V1
V0
V1
-V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com