Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 349 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 349 Page - Microchip Technology

Back Button SE22 Datasheet HTML 345Page - Microchip Technology SE22 Datasheet HTML 346Page - Microchip Technology SE22 Datasheet HTML 347Page - Microchip Technology SE22 Datasheet HTML 348Page - Microchip Technology SE22 Datasheet HTML 349Page - Microchip Technology SE22 Datasheet HTML 350Page - Microchip Technology SE22 Datasheet HTML 351Page - Microchip Technology SE22 Datasheet HTML 352Page - Microchip Technology SE22 Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 349
PIC16(L)F1946/47
27.6.1
CONTRAST CONTROL
The LCD contrast control circuit consists of a
seven-tap resistor ladder, controlled by the LCDCST
bits. Refer to Figure 27-7.
The contrast control circuit is used to decrease the
output voltage of the signal source by a total of
approximately 10%, when LCDCST = 111.
Whenever the LCD module is inactive (LCDA = 0), the
contrast control ladder will be turned off (open).
FIGURE 27-7:
INTERNAL REFERENCE AND CONTRAST CONTROL BLOCK DIAGRAM
27.6.2
INTERNAL REFERENCE
Under firmware control, an internal reference for the
LCD bias voltages can be enabled. When enabled, the
source of this voltage can be either VDDIO or a voltage
3 times the main fixed voltage reference (3.072V).
When no internal reference is selected, the LCD con-
trast control circuit is disabled and LCD bias must be
provided externally.
Whenever the LCD module is inactive (LCDA = 0), the
internal reference will be turned off.
When the internal reference is enabled and the Fixed
Voltage Reference is selected, the LCDIRI bit can be
used to minimize power consumption by tieing into the
LCD reference ladder automatic power mode switching.
When LCDIRI = 1 and the LCD reference ladder is in
Power mode ‘B’, the LCD internal FVR buffer is
disabled.
.
27.6.3
VLCD<3:1> PINS
The VLCD<3:1> pins provide the ability for an external
LCD bias network to be used instead of the internal lad-
der. Use of the VLCD<3:1> pins does not prevent use
of the internal ladder. Each VLCD pin has an indepen-
dent control in the LCDREF register (Register 27-3),
allowing access to any or all of the LCD Bias signals.
This architecture allows for maximum flexibility in
different applications
For example, the VLCD<3:1> pins may be used to add
capacitors to the internal reference ladder, increasing
the drive capacity.
For applications where the internal contrast control is
insufficient, the firmware can choose to only enable the
VLCD3 pin, allowing an external contrast control circuit
to use the internal reference divider.
LCDCST<2:0>
Analog
RR
RR
7 Stages
MUX
To top of
Reference Ladder
7
0
3
3.072V
VDDIO
From FVR
Buffer
Internal Reference
Contrast control
Note:
The LCD module automatically turns on the
Fixed Voltage Reference when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com