Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE38 Datasheet(PDF) 4 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 4 Page - Microchip Technology

  SE38 Datasheet HTML 1Page - Microchip Technology SE38 Datasheet HTML 2Page - Microchip Technology SE38 Datasheet HTML 3Page - Microchip Technology SE38 Datasheet HTML 4Page - Microchip Technology SE38 Datasheet HTML 5Page - Microchip Technology SE38 Datasheet HTML 6Page - Microchip Technology SE38 Datasheet HTML 7Page - Microchip Technology SE38 Datasheet HTML 8Page - Microchip Technology SE38 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 4
 2010-2012 Microchip Technology Inc.
Peripheral Features (Continued):
• Two Master Synchronous Serial Ports (MSSPs)
with SPI and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
- Auto-wake-up on start
• Two Enhanced Universal Synchronous:
Asynchronous Receiver Transmitters (EUSARTs)
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
• SR Latch (555 Timer):
- Multiple Set/Reset input options
- Emulates 555 Timer applications
• Three Comparators:
- Rail-to-rail inputs/outputs
- Power mode control
- Software enable hysteresis
• Voltage Reference Module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
PIC16(L)F193X/194X Family Types
Device
PIC16(L)F1933 (1)
4096
256
256
25
11
8
2
4/1
1
1
3
2
4/16/60(3)
I/H
Y
PIC16(L)F1934 (2)
4096
256
256
36
14
16
2
4/1
1
1
3
2
4/24/96
I/H
Y
PIC16(L)F1936 (2)
8192
256
512
25
11
8
2
4/1
1
1
3
2
4/16/60(3) I/H
Y
PIC16(L)F1937 (2)
8192
256
512
36
14
16
2
4/1
1
1
3
2
4/24/96
I/H
Y
PIC16(L)F1938 (3)
16384
256
1024 25
11
8
2
4/1
1
1
3
2
4/16/60(3) I/H
Y
PIC16(L)F1939 (3)
16384
256
1024 36
14
16
2
4/1
1
1
3
2
4/24/96
I/H
Y
PIC16(L)F1946 (4)
8192
256
512
54
17
17
3
4/1
2
2
3
2
4/46/184
I
Y
PIC16(L)F1947 (4)
16384
256
1024 54
17
17
3
4/1
2
2
3
2
4/46/184
I
Y
Note 1: I – Debugging, Integrated on Chip; H – Debugging, Requires Debug Header.
2: One pin is input-only.
3: COM3 and SEG15 share the same physical pin, therefore SEG15 is not available when using 1/4 multiplex
displays.
Data Sheet Index: (Unshaded devices are described in this document.)
1: DS41575 PIC16(L)F1933 Data Sheet, 28-Pin Flash, 8-bit Microcontrollers.
2: DS41364 PIC16(L)F1934/6/7 Data Sheet, 28/40/44-Pin Flash, 8-bit Microcontrollers.
3: DS41574 PIC16(L)F1938/9 Data Sheet, 28/40/44-Pin Flash, 8-bit Microcontrollers.
4: DS41414 PIC16(L)F1946/1947 Data Sheet, 64-Pin Flash, 8-bit Microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com