Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD6230F Datasheet(PDF) 7 Page - Rohm

Part # BD6230F
Description  DC Brush Motor Drivers (36V max.)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6230F Datasheet(HTML) 7 Page - Rohm

Back Button BD6230F Datasheet HTML 3Page - Rohm BD6230F Datasheet HTML 4Page - Rohm BD6230F Datasheet HTML 5Page - Rohm BD6230F Datasheet HTML 6Page - Rohm BD6230F Datasheet HTML 7Page - Rohm BD6230F Datasheet HTML 8Page - Rohm BD6230F Datasheet HTML 9Page - Rohm BD6230F Datasheet HTML 10Page - Rohm BD6230F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Datasheet
Datasheet
7/22
BD623xxx Series
TSZ02201-0P2P0B300090-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Typical Performance Curves (Reference data)
Fig.13
Supply current (1ch)
Fig.14
Supply current (2ch)
Fig.15
Input threshold voltage
Fig.16
Input bias current
0.5
1.0
1.5
2.0
2.5
6
1218
243036
Supply Voltage: Vcc [V]
85°C
25°C
-40°C
1.0
1.5
2.0
2.5
3.0
6
1218
243036
Supply Voltage: Vcc [V]
85°C
25°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
0
6
12
18
24
30
36
Input Voltage: VIN [V]
85°C
25°C
-40°C
-0.5
0.0
0.5
1.0
1.5
0.8
1.2
1.6
2
Input Voltage: VIN [V]
-40°C
25°C
85°C
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com