Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA7 Datasheet(PDF) 14 Page - Microchip Technology

Part # RA7
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RA7 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RA7 Datasheet HTML 10Page - Microchip Technology RA7 Datasheet HTML 11Page - Microchip Technology RA7 Datasheet HTML 12Page - Microchip Technology RA7 Datasheet HTML 13Page - Microchip Technology RA7 Datasheet HTML 14Page - Microchip Technology RA7 Datasheet HTML 15Page - Microchip Technology RA7 Datasheet HTML 16Page - Microchip Technology RA7 Datasheet HTML 17Page - Microchip Technology RA7 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 14
 2010-2012 Microchip Technology Inc.
RB2/SEG9
RB2
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
SEG9
—
AN
LCD Analog output.
RB3/SEG10
RB3
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
SEG10
—
AN
LCD Analog output.
RB4/SEG11
RB4
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
SEG11
—
AN
LCD Analog output.
RB5/T1G/SEG29
RB5
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1G
ST
—
Timer1 Gate input.
SEG29
—
AN
LCD Analog output.
RB6/ICSPCLK/ICDCLK/SEG38
RB6
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPCLK
ST
—
Serial Programming Clock.
ICDCLK
ST
—
In-Circuit Debug Clock.
SEG38
—
AN
LCD Analog output.
RB7/ICSPDAT/ICDDAT/SEG39
RB7
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
ICDDAT
ST
CMOS In-Circuit Data I/O.
SEG39
—
AN
LCD Analog output.
RC0/T1OSO/T1CKI/SEG40
RC0
ST
CMOS General purpose I/O.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
T1CKI
ST
—
Timer1 clock input.
SEG40
—
AN
LCD Analog output.
RC1/T1OSI/P2A(1)/CCP2(1)/
SEG32
RC1
ST
CMOS General purpose I/O.
T1OSI
XTAL
XTAL
Timer1 oscillator connection.
P2A
—
CMOS PWM output.
CCP2
ST
CMOS Capture/Compare/PWM.
SEG32
—
AN
LCD Analog output.
RC2/CCP1/P1A/SEG13
RC2
ST
CMOS General purpose I/O.
CCP1
ST
CMOS Capture/Compare/PWM.
P1A
—
CMOS PWM output.
SEG13
—
AN
LCD Analog output.
RC3/SCK/SCL/SEG17
RC3
ST
CMOS General purpose I/O.
SCK
ST
CMOS SPI clock.
SCL
I2COD
I2C™ clock.
SEG17
—
AN
LCD Analog output.
RC4/SDI1/SDA1/SEG16
RC4
ST
CMOS General purpose I/O.
SDI1
ST
—
SPI data input.
SDA1
I2COD
I2C™ data input/output.
SEG16
—
AN
LCD Analog output.
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com