Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6F-CABLE2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6F-CABLE2
Description  A Compact, High-accuracy Flow Sensor with Superior Resistance to Environments.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-CABLE2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6F-CABLE2 Datasheet HTML 1Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 2Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 3Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 4Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 5Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
D6F-P
MEMS Flow Sensor
Characteristics/Performance
Note: 1. A 0 to 1 L/min. (normal) volumetric flow rate at 0
°C, 101.3 kPa.
Note: 2. Dry gas. (must not contain large particles, e.g., dust, oil, or mist.)
Note: 3. Reference (typical)
Model
D6F-0001A1
D6F-P0010A1
D6F-P0010A2
D6F-P0010AM2
Flow Range (See note 1.)
0 to 0.1 L/min
0 to 1 L/min
Calibration Gas (See note 2.)
Air
Flow Port Type
Barb joint
Maximum outside diameter: 4.9 mm
Manifold
Electrical Connection
Lead terminals
Lead terminal
Three-pin connector
Power Supply
4.75 to 5.25 VDC
Current Consumption
15 mA max. with no load and a Vcc of 5.0 V
Output Voltage
0.5 to 2.5 VDC (Load resistance: 10 k
Ω)
Accuracy
±5% FS (25°C characteristic)
Repeatability (See note 3.)
±1.0% FS
±0.4% FS
Output Voltage (Max.)
3.1 VDC (Load resistance: 10 k
Ω)
Output Voltage (Min.)
0 VDC (Load resistance: 10 k
Ω)
Rated Power Supply Voltage
10 VDC
Rated Output Voltage
4 VDC
Case
PBT
Degree of Protection
IEC IP40
Withstand Pressure
50 kPa
Pressure Drop (See note 3.)
0.005 kPa
0.19 kPa
0.67 kPa
Operating Temperature
−10 to 60°C (with no condensation or icing)
Operating Humidity
35% to 85% (with no condensation or icing)
Storage Temperature
−40 to 80°C (with no condensation or icing)
Storage Humidity
35% to 85% (with no condensation or icing)
Temperature Characteristics
±5% FS for 25°C characteristic at an ambient temperature of -10 to 60°C
Insulation Resistance
Between Sensor outer cover and lead terminals: 20 M
Ω min. (at 500 VDC)
Dielectric Strength
Between Sensor outer cover and lead terminals: 500 VAC, 50/60 Hz min. for 1 min (leakage current: 1 mA max.)
Weight
8.5 g
8.0 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com