Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 53 Page - Microchip Technology

Part # HCS473
Description  KEELOQ짰 3-Axis Transcoder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 53 Page - Microchip Technology

Back Button HCS473_13 Datasheet HTML 49Page - Microchip Technology HCS473_13 Datasheet HTML 50Page - Microchip Technology HCS473_13 Datasheet HTML 51Page - Microchip Technology HCS473_13 Datasheet HTML 52Page - Microchip Technology HCS473_13 Datasheet HTML 53Page - Microchip Technology HCS473_13 Datasheet HTML 54Page - Microchip Technology HCS473_13 Datasheet HTML 55Page - Microchip Technology HCS473_13 Datasheet HTML 56Page - Microchip Technology HCS473_13 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
 2000-2013 Microchip Technology Inc.
Preliminary
DS40035D-page 53
HCS473
TABLE 7-4:
AC CHARACTERISTICS, Commercial Temperature Devices
AC Characteristics
Tamb = 0°C to 70°C, 2.05V < VDD < 5.5V
FOSC = 4 MHz ±10%
Symbol
Min
Typ
(1)
Max
Description
General HCS473 Timing
TDB
9 ms
10 ms
11 ms
Debounce Time
TQUE
1.8s
2s
2.2s
Que Window
TPU
9.81 ms
10.9 ms
12 ms
Power-up Delay Time (includes button debounce)
TPLL
17.1 ms
19 ms
20.9 ms
Encoder Mode PLL activation to first code word
TLEDON
90 ms
100 ms
110 ms
LED ON Time
TLEDOFF
450 ms
500 ms
550 ms
LED OFF Time
Communication from Transponder Reader to HCS473
TCMD
1.1 LFTE+100
s
—
9.18 ms
TTSCMD
1.1 LFTE+100
s
—
9.18 ms
Delay from Transponder Select ACK to next command
TFINH
100
s1 LFTE
—
Time to leave LF on after last data bit’s rising edge
Response from HCS473 to Transponder Reader
TSF
1 ms+.9 LFTE
3.5 ms+1 LFTE
10 ms+1. 1LFTE
Delay to wake-up Acknowledge sequence
TTSACK
.9 LFTE+14
s
.9 LFTE-12
s
1 LFTE+30
s
1 LFTE
1.1 LFTE+49
s
1.1 LFTE+12
s
Delay from TID pulse rising edge to TID acknowledge
TID = 0
TID > 0
TTPACK
141
s
179
s
234
s
Delay to Transport Code Acknowledge
TWRT
—
4 ms
10ms
Delay to Write Acknowledge
TAOACK
60
s
89
s
135
s
Delay to anticollision off Acknowledge
TIFF
5.07 ms
5.64 ms
6.2 ms
Delay to IFF response - RF or LF response
TREAD
184
s
227
s
286
s
Delay to read response - RF or LF response
THOP
17.1 ms
19 ms
20.9 ms
Delay to hopping code response - RF or LF response
TDAMP
1.08 LFTE
1.2 LFTE
1.32 LFTE
Delay from detecting LC rising edge to first damp pulse
TDEMOD
14.76 ms
16.4 ms
18 ms
Demodulator mode window looking for edge on LC pin
Timing Element TE
TE
90
180
360
720
100
200
400
800
110
220
440
880
RFTE or LFTE
RFBSL = LFBSL = 002
RFBSL = LFBSL = 012
RFBSL = LFBSL = 102
RFBSL = LFBSL = 112
Analog delays
TFILTR
—
15
s
—
HCS473 analog LF filter charge time
TFILTF
—
70
s
—
HCS473 analog LF filter discharge time
TANTR
Hardware design dependent
Cumulative LF antenna delay when field is turned on
TANTF
Hardware design dependent
Cumulative LF antenna delay when field is turned off
Note
1: Fosc = 4 MHz. FOSC = 4 MHz may be centered at the designer’s choice of supply voltage (VDD) and temperature.
2: LFTE is based on the HCS473’s timing, not the timing of the transponder reader. Therefore LFTE is subject to HCS473
oscillator variation.
3: Response timing accounts for TFILTR but not for TANTR or TANTF, as they are design dependent. The system designer
must compensate communication accordingly for TANTR and TANTF.
4: Timing parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com