Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP111 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP111
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP111 Datasheet HTML 8Page - Microchip Technology MCP111 Datasheet HTML 9Page - Microchip Technology MCP111 Datasheet HTML 10Page - Microchip Technology MCP111 Datasheet HTML 11Page - Microchip Technology MCP111 Datasheet HTML 12Page - Microchip Technology MCP111 Datasheet HTML 13Page - Microchip Technology MCP111 Datasheet HTML 14Page - Microchip Technology MCP111 Datasheet HTML 15Page - Microchip Technology MCP111 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP111/112
DS21889E-page 12
 2004-2013 Microchip Technology Inc.
4.2
Negative Going VDD Transients
The minimum pulse width (time) required to cause a
reset may be an important criteria in the implementa-
tion of a Power-on Reset (POR) circuit. This time is
referred to as transient duration, defined as the amount
of time needed for these supervisory devices to
respond to a drop in VDD. The transient duration time is
dependant on the magnitude of VTRIP – VDD. Generally
speaking, the transient duration decreases with
increases in VTRIP – VDD.
Figure 4-3 shows a typical transient duration vs. reset
comparator overdrive for which the MCP111/112 will
not generate a reset pulse. It shows that the farther
below the trip point the transient pulse goes, the
duration of the pulse required to cause a reset gets
shorter. Figure 2-18 shows the transient response
characteristics for the MCP111/112.
A 0.1 µF bypass capacitor, mounted as close as
possible to the VDD pin, provides additional transient
immunity (refer to Figure 4-1).
FIGURE 4-3:
Example of Typical
Transient Duration Waveform.
4.3
Effect of Temperature on Time-out
Period (tRPU)
The time-out period (t
RPU) determines how long the
device remains in the reset condition. This is affected
by both V
DD and temperature. The graph shown in
Figures 2-22, 2-23 and 2-24 show the typical response
for different V
DD values and temperatures.
4.4
Using in PIC® Microcontroller
ICSP™ Applications (MCP111
only)
Figure 4-4 shows the typical application circuit for using
the MCP111 for voltage supervisory function when the
PIC microcontroller will be programmed via the In-Cir-
cuit Serial Programming™ (ICSP) feature. Additional
information is available in TB087, “Using Voltage
Supervisors with PIC® Microcontroller Systems which
Implement
In-Circuit
Serial
Programming™”,
DS91087.
FIGURE 4-4:
Typical Application Circuit
for PIC® Microcontroller with the ICSP™ feature.
Time (µs)
0V
5V
VTRIP(MIN) - VDD
tTRANS
VTRIP(MAX)
VTRIP(MIN)
Note:
It is recommended that the current into the
RST pin be current limited by a 1 k
resistor.
VDD/VPP
VDD
MCLR
(reset input)
(Active-Low)
VSS
PIC®
MCU
RPU
0.1 µF
1k
MCP111
VDD
RST
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com