Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4541 Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP4541
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541 Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP4541 Datasheet HTML 87Page - Microchip Technology MCP4541 Datasheet HTML 88Page - Microchip Technology MCP4541 Datasheet HTML 89Page - Microchip Technology MCP4541 Datasheet HTML 90Page - Microchip Technology MCP4541 Datasheet HTML 91Page - Microchip Technology MCP4541 Datasheet HTML 92Page - Microchip Technology MCP4541 Datasheet HTML 93Page - Microchip Technology MCP4541 Datasheet HTML 94Page - Microchip Technology MCP4541 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
 2008-2013 Microchip Technology Inc.
DS22096B-page 91
MCP453X/455X/463X/465X
APPENDIX A:
REVISION HISTORY
Revision B (February 2013)
The following is the list of modifications:
1.
Corrected MCP45x1 DFN package pinout.
2.
Corrected Device Block Diagram.
3.
Updated the Absolute Maximum Ratings †
with Total Power Dissipation values for each
package type.
4.
Updated typical thermal values in Temperature
Characteristics table.
5.
Corrected
labeling
in
Figure 2-1,
from
Section 2.0 “Typical Performance Curves”.
Also corrected Figure 2-4.
6.
Appropriate 1.8V Graphs in Section 2.0 “Typi-
cal Performance Curves” now reference
Appendix B: “Characterization Data Analy-
sis”.
7.
Added new Figure 2-66.
8.
Corrected values in Figure 5-1.
9.
Added description of wiper value on POR/BOR
(Section 5.2 “Wiper”).
10. Added new section Section 8.5 “Implementing
Log
Steps
with
a
Linear
Digital
Potentiometer”.
11. Added information in the Development Tools
Section
(Section 10.0
“Development
support”).
12. Updated
packaging
section
with
package
available landing pattern diagrams.
13. Added Appendix B: “Characterization Data
Analysis”.
14. Updated the format of the Absolute Maximum
Ratings † page in Section 1.0 “Electrical
Characteristics”.
15. Clarified actions of the POR in Section 4.1.1
“Power-on Reset”.
16. Removed Note 3 from Table 10-1.
Revision A (November 2008)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com